Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62112MRSAREP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62112MRSAREP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62112MRSAREP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS62112MRSAREP Datasheet HTML 3Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 4Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 5Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 6Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 7Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 8Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 9Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 10Page - Texas Instruments TPS62112MRSAREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
_
+
_
+
_
+
_
+
_
+
REF
REF
LoadComparator
IAVG Comparator
CurrentLimitComparator
P-Channel
PowerMOSFET
Driver
Shoot-Through
Logic
Control
Logic
SoftStart
1-MHz
Oscillator
Comparator
S
R
N-Channel
PowerMOSFET
ComparatorHigh
ComparatorLow
ComparatorHigh2
V(COMP)
Sawtooth
Generator
V
I
Undervoltage
Lockout
BiasSupply
_
+
ComparatorHigh
ComparatorLow
Compensation
V
=1.153V
REF
R2
(SeeNote A)
R1
VI
EN
SW
FB
PGND
Gm
Thermal
Shutdown
Vina
_
+
_
+
SKIP Comparator
_
+
_
+
PG
LBO
LBI
GND
1.256V
TPS62110-EP
TPS62111-EP
TPS62112-EP
www.ti.com .............................................................................................................................................................. SLVS630C – APRIL 2007 – REVISED MAY 2008
FUNCTIONAL BLOCK DIAGRAM
A.
For the adjustable version (TPS62110), the internal feedback divider is disabled and the FB pin is directly connected
to the internal GM amplifier.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Numéro de pièce similaire - TPS62112MRSAREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62112MRSAREP TI1-TPS62112MRSAREP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62112MRSAREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com