Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62111MRSAREP Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62111MRSAREP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62111MRSAREP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62111MRSAREP Datasheet HTML 2Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 3Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 4Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 5Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 6Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 7Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 8Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 9Page - Texas Instruments TPS62111MRSAREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DEVICE INFORMATION
PIN ASSIGNMENT TOP VIEW
16 15 14 13
5
6
7
8
1
2
3
4
9
GND
GND
FB
AGND
PGND
Exposed
Thermal
Pad
VIN
VIN
EN
12
11
10
TPS62110-EP
TPS62111-EP
TPS62112-EP
SLVS630C – APRIL 2007 – REVISED MAY 2008 .............................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Enable. A logic high enables the converter; logic low forces the device into shutdown mode reducing the
EN
4
I
supply current to less than 2 µA.
Feedback pin for the fixed output voltage option. For the adjustable version, an external resistive divider
FB
10
I
is connected to this pin. The internal voltage divider is disabled for the adjustable version.
LBO
6
O
Open-drain, low-battery output. This pin is pulled low if LBI is below its threshold.
GND
11, 12
I
Ground
LBI
7
I
Low-battery input
Connect the inductor to this pin. This pin is the switch pin and connected to the drain of the internal
SW
14, 15
O
power MOSFETS.
Power good comparator output. This is an open-drain output. A pullup resistor should be connected
PG
13
O
between PG and VOUT. The output goes active high when the output voltage is greater than 98.4% of
the nominal value.
PGND
1, 16
I
Power ground. Connect all power grounds to this pin.
AGND
9
I
Analog ground, connect to GND and PGND
Input for synchronization to external clock signal. Synchronizes the converter switching frequency to an
external clock signal with CMOS level:
SYNC
5
I
SYNC = HIGH: Low-noise mode enabled, fixed frequency PWM operation is forced
SYNC = LOW (GND): Power save mode enabled, PFM/PWM mode enabled
VIN
2, 3
I
Supply voltage input (power stage)
VINA
8
I
Supply voltage input (support circuits)
PowerPAD™
Connect to AGND
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Numéro de pièce similaire - TPS62111MRSAREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62111MRSAREP TI1-TPS62111MRSAREP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Description similaire - TPS62111MRSAREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com