Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62060 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62060 Datasheet HTML 1Page - Texas Instruments TPS62060 Datasheet HTML 2Page - Texas Instruments TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS62060, TPS62061, TPS62063
www.ti.com
SLVSA95B – MARCH 2010 – REVISED JULY 2015
7.5 Electrical Characteristics
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6 V. External components CIN = 10 μF 0603, COUT = 10 μF 0603, L = 1 μH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.7
6
V
IOUT = 0 mA, device operating in PFM mode
IQ
Operating quiescent current
18
25
μA
and device not switching
ISD
Shutdown current
EN = GND, current into AVIN and PVIN
0.1
1
μA
Falling
1.73
1.78
1.83
VUVLO
Undervoltage lockout threshold
V
Rising
1.9
1.95
1.99
ENABLE, MODE
VIH
High level input voltage
2.7 V
≤ VIN ≤ 6 V
1
6
V
VIL
Low level input voltage
2.7 V
≤ VIN ≤ 6 V
0
0.4
V
IIN
Input bias current
Pin tied to GND or VIN
0.01
1
μA
POWER SWITCH
VIN = 3.6 V
(1)
120
180
High-side MOSFET on-resistance
m
VIN = 5 V
(1)
95
150
RDS(on)
VIN = 3.6 V
(1)
90
130
Low-side MOSFET on-resistance
m
Ω
VIN = 5 V
(1)
75
100
Forward current limit MOSFET
ILIMF
2.7V
≤ VIN ≤ 6 V
1800
2250
2700
mA
high-side and low-side
Thermal shutdown
Increasing junction temperature
150
°C
TSD
Thermal shutdown hysteresis
Decreasing junction temperature
10
°C
OSCILLATOR
fSW
Oscillator frequency
2.7 V
≤ VIN ≤ 6 V
2.6
3
3.4
MHz
OUTPUT
Vref
Reference voltage
600
mV
PWM operation, MODE = VIN ,
VFB(PWM)
Feedback voltage PWM mode
–1.5%
0%
1.5%
2.7 V
≤ VIN ≤ 6 V, 0 mA load
Feedback voltage PFM mode,
device in PFM mode, voltage positioning active(2)
VFB(PFM)
1%
voltage positioning
Load regulation
–0.5
%/A
VFB
Line regulation
0
%/V
Activated with EN = GND, 2 V
≤ VIN≤ 6 V, 0.8 ≤
R(Discharge)
Internal discharge resistor
75
200
1450
Ω
VOUT ≤ 3.6 V
tSTART
Start-up time
Time from active EN to reach 95% of VOUT
500
μs
(1)
Maximum value applies for TJ = 85°C
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01 × Vref. See the parameter measurement information.
7.6 Dissipation Ratings
(1) (2)
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
TA = ≤ 25°C
ABOVE TA = 25°C
DSG
75°C/W
1300 mW
13 mW/°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/ θJA.
(2)
This thermal data measured with high-K board (4 layers according to JESD51-7 JEDEC Standard).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62060 TPS62061 TPS62063


Numéro de pièce similaire - TPS62060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSG TI-TPS62060DSG Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI-TPS62060DSGR Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62060DSGT TI-TPS62060DSGT Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results

Description similaire - TPS62060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com