Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62060 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS62060
Description  TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62060_16 Datasheet HTML 4Page - Texas Instruments TPS62060_16 Datasheet HTML 5Page - Texas Instruments TPS62060_16 Datasheet HTML 6Page - Texas Instruments TPS62060_16 Datasheet HTML 7Page - Texas Instruments TPS62060_16 Datasheet HTML 8Page - Texas Instruments TPS62060_16 Datasheet HTML 9Page - Texas Instruments TPS62060_16 Datasheet HTML 10Page - Texas Instruments TPS62060_16 Datasheet HTML 11Page - Texas Instruments TPS62060_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS62060, TPS62061, TPS62063
SLVSA95B – MARCH 2010 – REVISED JULY 2015
www.ti.com
8.3 Feature Description
8.3.1 Mode Selection
The MODE pin allows mode selection between forced PWM mode and power save mode.
Connecting this pin to GND enables the power save mode with automatic transition between PWM and PFM
mode. Pulling the MODE pin high forces the converter to operate in fixed frequency PWM mode even at light
load currents. This allows simple filtering of the switching frequency for noise sensitive applications. In this mode,
the efficiency is lower compared to the power save mode during light loads.
The condition of the MODE pin can be changed during operation and allows efficient power management by
adjusting the operation mode of the converter to the specific system requirements.
8.3.2 Enable
The device is enabled by setting EN pin to high. At first, the internal reference is activated and the internal
analog circuits are settled. Afterwards, the soft start is activated and the output voltage is ramped up. The output
voltages reaches 95% of its nominal value within tSTART of typically 500 µs after the device has been enabled.
The EN input can be used to control power sequencing in a system with various DC-DC converters. The EN pin
can be connected to the output of another converter, to drive the EN pin high and getting a sequencing of supply
rails. With EN = GND, the device enters shutdown mode. In this mode, all circuits are disabled and the SW pin is
connected to PGND through an internal resistor to discharge the output.
8.3.3 Clock Dithering
To reduce the noise level of switch frequency harmonics in the higher RF bands, the TPS6206x family has a
built-in clock-dithering circuit. The oscillator frequency is slightly modulated with a sub clock causing a clock
dither of typically 6 ns.
8.3.4 Undervoltage Lockout
The undervoltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery. It disables the output stage of the converter once the falling VIN trips the
undervoltage lockout threshold VUVLO. The undervoltage lockout threshold VUVLO for falling VIN is typically 1.78 V.
The device starts operation once the rising VIN trips undervoltage lockout threshold VUVLO again at typically 1.95
V.
8.3.5 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 150°C (typical) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned off. The device continues its operation when the junction
temperature falls below the thermal shutdown hysteresis.
8.4 Device Functional Modes
8.4.1 Soft Start
The TPS6206x has an internal soft start circuit that controls the ramp up of the output voltage. Once the
converter is enabled and the input voltage is above the undervoltage lockout threshold VUVLO the output voltage
ramps up from 5% to 95% of its nominal value within tRamp of typically 250 µs.
This limits the inrush current in the converter during start-up and prevents possible input voltage drops when a
battery or high impedance power source is used.
During soft start, the switch current limit is reduced to 1/3 of its nominal value ILIMF until the output voltage
reaches 1/3 of its nominal value. Once the output voltage trips this threshold, the device operates with its
nominal current limit ILIMF.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62060 TPS62061 TPS62063


Numéro de pièce similaire - TPS62060_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060DSG TI-TPS62060DSG Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI-TPS62060DSGR Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62060DSGT TI-TPS62060DSGT Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGT TI1-TPS62060DSGT Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
More results

Description similaire - TPS62060_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com