Moteur de recherche de fiches techniques de composants électroniques |
|
TPS62021DGQR Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS62021DGQR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 28 page www.ti.com ELECTRICAL CHARACTERISTICS TPS62020 TPS62021 TPS62026 SLVS076C – JUNE 2003 – REVISED DECEMBER 2004 V I = 3.6 V, VO = 1.8 V, IO = 600 mA, EN = VIN, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted) (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT VI Input voltage range 2.5 6.0 V I(Q) Operating quiescent current IO = 0 mA, device is not switching 18 35 µA ISD Shutdown supply current EN = GND 0.1 1 µA VUVLO Under-voltage lockout threshold 1.5 2.3 V ENABLE AND MODE VEN EN high level input voltage 1.4 V VEN EN low level input voltage 0.4 V IEN EN input bias current EN = GND or VIN 0.01 1.0 µA V(MODE) MODE high level input voltage 1.4 V V(MODE) MODE low level input voltage 0.4 V I(MODE) MODE input bias current MODE = GND or VIN 0.01 1.0 µA POWER SWITCH P-channel MOSFET on-resistance VI = VGS = 3.6 V 115 210 m Ω rDS(ON) P-channel MOSFET on-resistance VI = VGS = 2.5 V 145 270 m Ω Ilkg(P) P-channel leakage current VDS = 6.0 V 1 µA N-channel MOSFET on-resistance VI = VGS = 3.6 V 85 200 m Ω rDS(ON) N-channel MOSFET on-resistance VI = VGS = 2.5 V 115 280 m Ω IIkg(N) N-channel leakage current VDS = 6.0 V 1 µA IL P-channel current limit 2.5 V < VI < 6.0 V 0.9 1.1 1.3 A Thermal shutdown 150 °C OSCILLATOR VFB= 0.5 V 1 1.25 1.5 MHz fS Oscillator frequency VFB = 0 V 625 kHz OUTPUT Adjustable output TPS62020, VO 0.7 VIN V voltage range TPS62021 Vref Reference voltage 0.5 V TPS62020, VI = 2.5 V to 6.0 V; IO = 0 mA 0% 3% VFB Feedback voltage TPS62021 V VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 600 mA –3% 3% Adjustable VI = 3.6 V to 6.0 V; IO = 0 mA 0% 3% VO Fixed output voltage TPS62026 3.3 V V VI = 3.6 V to 6.0 V; 0 mA ≤ IO ≤ 600 mA –3% 3% VI = VO + 0.5 V (min 2.5 V) to 6.0 V, IO = 10 Line regulation(1) 0 %/V mA Load regulation(1) IO = 10 mA to 600 mA 0 %/mA Leakage current into SW pin VI > VO, 0 V≤ VSW ≤ VI 0.1 1 µA IIkg(SW) Reverse leakage current into pin SW VI = open; EN = GND; VSW = 6.0 V 0.1 1 µA f Short circuit switching frequency VFB = 0 V 625 kHz (1) The line and load regulations are digitally controlled to assure an output voltage accuracy of ±3%. 3 |
Numéro de pièce similaire - TPS62021DGQR |
|
Description similaire - TPS62021DGQR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |