Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62001QDGSRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS62001QDGSRQ1
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62001QDGSRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62001QDGSRQ1 Datasheet HTML 4Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 5Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 9Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 10Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 11Page - Texas Instruments TPS62001QDGSRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS62000Q1, TPS62001Q1, TPS62002Q1, TPS62003Q1
TPS62004Q1, TPS62005Q1, TPS62006Q1, TPS62007Q1, TPS62008Q1
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SGLS243A − APRIL 2004 − REVISED JUNE 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VI = 3.6 V,
VO = 2.5 V, IO = 300 mA, EN = VIN, ILIM = VIN, TJ = −40°C to 125°C (unless otherwise noted) (continued)
power switch and current limit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P-channel MOSFET on-resistance
VI = VGS = 3.6 V,
I = 200 mA
150
280
600
m
P-channel MOSFET on-resistance
VI = VGS = 2 V,
I = 200 mA
480
m
rDS(on)
P-channel leakage current
VDS = 5.5 V
1
µA
rDS(on)
N-channel MOSFET on-resistance
VI = VGS = 3.6 V,
IO = 200 mA
150
280
600
m
N-channel MOSFET on-resistance
VI = VGS = 2 V,
IO = 200 mA
500
m
N-channel leakage current
VDS = 5.5 V
1
µA
I(LIM)
P-channel current limit
2.5 V
≤ VI ≤ 5.5 V, ILIM = VIN
800
1200
1600
mA
I(LIM)
P-channel current limit
2 V
≤ VI ≤ 5.5 V,
ILIM = GND
390
600
900
mA
VIH
ILIM high-level input voltage
1.3
V
VIL
ILIM low-level input voltage
0.4
V
Ilkg
ILIM input leakage current
ILIM = GND or VIN
0.01
0.1
µA
power good output (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PG)
Power good threshold
Feedback voltage falling
88%
VO
92%
VO
94%
VO
V
Power good hysteresis
2.5% VO
V
VOL
PG output low voltage
V(FB) = 0.8 × VO nominal, I(sink) = 10 µA
0.3
V
Ilkg
PG output leakage current
V(FB) = VO nominal
0.01
1
µA
Minimum supply voltage for valid power good signal
1.2
V
NOTE 3: Power good is not valid for the first 100
µs after EN goes high. Please refer to the application section for more information.
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fs
Oscillator frequency
500
750
1000
kHz
f(SYNC)
Synchronization range
CMOS-logic clock signal on SYNC pin
500
1000
kHz
VIH
SYNC high level input voltage
1.3
V
VIL
SYNC low level input voltage
0.4
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.1
µA
Duty cycle of external clock signal
20%
60%


Numéro de pièce similaire - TPS62001QDGSRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62001 TI-TPS62001 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62001DGS TI-TPS62001DGS Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62001DGSG4 TI-TPS62001DGSG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62001DGSR TI-TPS62001DGSR Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Description similaire - TPS62001QDGSRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com