Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61260DRVT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61260DRVT
Description  TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61260DRVT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61260DRVT Datasheet HTML 3Page - Texas Instruments TPS61260DRVT Datasheet HTML 4Page - Texas Instruments TPS61260DRVT Datasheet HTML 5Page - Texas Instruments TPS61260DRVT Datasheet HTML 6Page - Texas Instruments TPS61260DRVT Datasheet HTML 7Page - Texas Instruments TPS61260DRVT Datasheet HTML 8Page - Texas Instruments TPS61260DRVT Datasheet HTML 9Page - Texas Instruments TPS61260DRVT Datasheet HTML 10Page - Texas Instruments TPS61260DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
10
20
30
40
50
60
70
80
90
100
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Resistance (k
Ω)
G000
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
Output Current (mA)
VIN = 1.2 V, VOUT = 1.8 V, R3 = 2 kΩ
G000
0
10
20
30
40
50
60
70
80
90
100
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
Input Voltage (V)
IOUT =10 mA
IOUT =20 mA
IOUT =50 mA
IOUT =100 mA
VOUT = 4.0 V
G000
0
10
20
30
40
50
60
70
80
90
100
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
Input Voltage (V)
IOUT =10 mA
IOUT =20 mA
IOUT =50 mA
VOUT = 3.3 V
G000
0
10
20
30
40
50
60
70
80
90
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Input Voltage (V)
IOUT =10 mA
IOUT =20 mA
IOUT =50 mA
VOUT =1.8 V
G000
0
10
20
30
40
50
60
70
80
90
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Input Voltage (V)
IOUT =10 mA
IOUT =20 mA
IOUT =50 mA
VOUT = 2.5 V
G000
TPS61260, TPS61261
www.ti.com
SLVSA99B – MAY 2011 – REVISED NOVEMBER 2014
Figure 5. Efficiency vs Input Voltage
Figure 6. Efficiency vs Input Voltage
Figure 7. Efficiency vs Input Voltage
Figure 8. Efficiency vs Input Voltage
Figure 9. Output Current vs Resistance at RI
Figure 10. Output Voltage vs Output Current
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61260 TPS61261


Numéro de pièce similaire - TPS61260DRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61260DRVT TI1-TPS61260DRVT Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
More results

Description similaire - TPS61260DRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com