Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61230 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS61230
Description  TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61230_16 Datasheet HTML 1Page - Texas Instruments TPS61230_16 Datasheet HTML 2Page - Texas Instruments TPS61230_16 Datasheet HTML 3Page - Texas Instruments TPS61230_16 Datasheet HTML 4Page - Texas Instruments TPS61230_16 Datasheet HTML 5Page - Texas Instruments TPS61230_16 Datasheet HTML 6Page - Texas Instruments TPS61230_16 Datasheet HTML 7Page - Texas Instruments TPS61230_16 Datasheet HTML 8Page - Texas Instruments TPS61230_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS61230, TPS61231, TPS61232
www.ti.com
SLVSAQ2C – JANUARY 2014 – REVISED OCTOBER 2014
7.5 Electrical Characteristics
TJ = –40°C to 125°C and VIN = 3.6 V. Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN falling
2.0
2.1
VUVLO
Input under voltage lockout
V
VIN rising
2.1
2.2
IC enabled, No load, No switching
35
60
VOUT = 5 V, TJ = –40 °C to 85°C
IQ
Quiescent current into VIN
µA
IC enabled, No load
VIN = 4.2 V, VOUT = No supply, TJ = –40 °C to
200
230
85°C
0 V
≤ VEN ≤ 0.4 V, VIN = 2.3 V to 5.5 V, TJ = -40
ISD
Shutdown current into VIN
1.5
6
µA
°C to 85°C
Leakage current from SW to VOUT
VEN = 0 V, VOUT = 0 V; VSW = VIN = 3.6 V
2.5
µA
OUTPUT
VOUT
Output voltage range
2.5
5.5
V
VOUT
Output voltage accuracy, TPS61232
PWM mode
4.9
5.0
5.1
V
VOUT
Output voltage accuracy, TPS61232
PFM mode(1)
5.035
V
PWM mode
0.985
1
1.015
Feedback voltage, TPS61230 and
VFB
V
TPS61231
PFM mode(1)
1.007
FB pin leakage current
VFB = 1 V
100
nA
Output discharge resistor
RDIS
VOUT = 5 V
200
Ω
TPS61231
Over voltage protection DC threshold
VOUT rising
5.7
6
6.2
VOVP
V
Over voltage protection hysteresis
VOUT falling below VOVP
0.15
ISS
Bias current in soft start phase
After pre-charge phase
5
µA
Line regulation
IOUT = 1 A, VIN = 2.3 V to 4.5 V
0.06
%/V
Load regulation
IOUT = 0.5 A to 2 A
0.15
%/A
LOGIC INTERFACE
VTH_EN_ON EN pin threshold rising
VIN = 2.3 V to 5.5 V
1.15
1.19
1.23
V
VTH_EN_OF
VIN = 2.3 V to 5.5 V
V
EN pin threshold falling
1.11
1.14
1.18
F
VOL_HYS
HYS pin low level voltage
ISINK_HYS = 1 mA, VEN = 1.1 V
0.7
V
VOUT rising, referenced to VOUT_NOMINAL
93%
95%
99%
VTH_PG
Power good DC threshold
VOUT falling referenced to VOUT_NOMINAL
87%
90%
93%
VOL_PG
PG pin low level voltage
ISINK_PG = 500 µA
0.4
V
POWER STAGE
ILIM_SW
Switch valley current limit
4.0
5.0
6.0
A
VOUT = 5 V
2.0
2.8
3.5
ILIM_Pre
Precharge current limit
VOUT = 3.5 V
1.8
2.6
3.3
A
VOUT = 0 V
0.4
0.55
0.7
High side MOSFET on resistance
VOUT = 5 V
50
75
RDS(on)
m
Low side MOSFET on resistance
VOUT = 5 V
50
75
Thermal shutdown threshold
TJ rising
150
TJSD
°C
Thermal shutdown hysteresis
TJ falling below TJSD
20
(1)
L = 1 µH, COUT = 20 µF (effective capacitance value)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61230 TPS61231 TPS61232


Numéro de pièce similaire - TPS61230_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Description similaire - TPS61230_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
logo
E-CMOS Corporation
EC3689 E-CMOS-EC3689 Datasheet
515Kb / 8P
   800KHz Synchronous Step-up Converter with 5.5A Switches
logo
Texas Instruments
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3121EDE LINER-LTC3121EDE Datasheet
222Kb / 6P
   High Efficiency 15V 1.5A Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com