Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63051YFFT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63051YFFT
Description  Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63051YFFT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS63051YFFT Datasheet HTML 2Page - Texas Instruments TPS63051YFFT Datasheet HTML 3Page - Texas Instruments TPS63051YFFT Datasheet HTML 4Page - Texas Instruments TPS63051YFFT Datasheet HTML 5Page - Texas Instruments TPS63051YFFT Datasheet HTML 6Page - Texas Instruments TPS63051YFFT Datasheet HTML 7Page - Texas Instruments TPS63051YFFT Datasheet HTML 8Page - Texas Instruments TPS63051YFFT Datasheet HTML 9Page - Texas Instruments TPS63051YFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS63050, TPS63051
SLVSAM8C – JULY 2013 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIM0 = VIL, ILIM1 = VIL,
VIN = 3.0 V,VOUT = 3.3 V, (Available
0.4×IIN_MAX
for DBGA only)
ILIM0 = VIH, ILIM1 = VIL,
VIN = 3.0 V,VOUT = 3.3 V, (Available
0.5×IIN_MAX
ISS_IN
Programmable inrush current limit(3)
mA
for DBGA only)
ILIM0 = VIL, ILIM1 = VIH,
0.65×IIN_MAX
VIN = 3.0 V,VOUT = 3.3 V
ILIM0 = VIH, ILIM1 = VIH,
IIN_MAX
VIN = 3.0 V,VOUT = 3.3 V
ISS
Soft-start current TPS63051
1
μA
ISS
Soft-start current TPS63050
3.2
μA
VIN = 2.5 V to 5.5 V, IOUT = 500 mA,
Line regulation
0.963
mV/V
PWM mode
VIN = 3.6 V, IOUT = 0 mA to 500 mA,
Load regulation
4
mV/A
PWM mode
(3)
For variation of this parameter with Input voltage see Figure 3.
7.6 Switching Characteristics
VIN = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
fs
Switching frequency
2.5
MHz
VOUT = EN = low to high, SS = floating, Buck mode
280
VIN = 3.6 V, VOUT = 3.3 V, IOUT = 500 mA
(1)
tSS
Softstart time
µs
VOUT = EN = low to high, SS = floating, Boost mode
600
VIN = 2.5 V, VOUT = 3.3 V, IOUT = 500 mA
(1)
Time from when EN = high to when device starts
td
Start up delay
100
µs
switching
(1)
For variation of this parameter with Input voltage see Figure 3.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS63050 TPS63051


Numéro de pièce similaire - TPS63051YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63051YFFT TI1-TPS63051YFFT Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
More results

Description similaire - TPS63051YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com