Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63050YFFT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63050YFFT
Description  Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63050YFFT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS63050YFFT Datasheet HTML 4Page - Texas Instruments TPS63050YFFT Datasheet HTML 5Page - Texas Instruments TPS63050YFFT Datasheet HTML 6Page - Texas Instruments TPS63050YFFT Datasheet HTML 7Page - Texas Instruments TPS63050YFFT Datasheet HTML 8Page - Texas Instruments TPS63050YFFT Datasheet HTML 9Page - Texas Instruments TPS63050YFFT Datasheet HTML 10Page - Texas Instruments TPS63050YFFT Datasheet HTML 11Page - Texas Instruments TPS63050YFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
_
+
GND
GND
VIN
VOUT
+
-
VREF
GND
GND
FB
VOUT
L2
L1
VIN
Current
Sensor
Gate
Control
Modulator
Oscillator
Device
Control
Temperature
Control
_
+
PFM/PWM
EN
GND
PG
ILIM0
ILIM1
SS
TPS63050, TPS63051
SLVSAM8C – JULY 2013 – REVISED JULY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS6305x devices use 4 internal N-channel MOSFETs to maintain synchronous power conversion at all
possible operating conditions. This enables the device to keep high efficiency over the complete input voltage
and output power range. To regulate the output voltage at all possible input voltage conditions, the device
automatically switches from buck operation to boost operation and back as required by the configuration. It
always uses one active switch, one rectifying switch, one switch held on, and one switch held off. Therefore, it
operates as a buck converter when the input voltage is higher than the output voltage, and as a boost converter
when the input voltage is lower than the output voltage. There is no mode of operation in which all 4 switches are
switching at the same time. Keeping one switch on and one switch off eliminates their switching losses. The
RMS current through the switches and the inductor is kept at a minimum, to minimize switching and conduction
losses. Controlling the switches this way allows the converter to always keep higher efficiency.
The device provides a seamless transition from buck to boost or from boost to buck operation.
8.2 Functional Block Diagrams
Figure 4. TPS63050 Block Diagram
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS63050 TPS63051


Numéro de pièce similaire - TPS63050YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63050YFFT TI1-TPS63050YFFT Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
More results

Description similaire - TPS63050YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com