Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLX-3ES Fiches technique(PDF) 1 Page - Red Lion Controls. Inc

No de pièce SLX-3ES
Description  SlimLine Plus Unmanaged Industrial Connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REDLION [Red Lion Controls. Inc]
Site Internet  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-3ES Fiches technique(HTML) 1 Page - Red Lion Controls. Inc

  SLX-3ES Datasheet HTML 1Page - Red Lion Controls. Inc SLX-3ES Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLX-3ES Industrial Ethernet Media Converter
Sixnet Networking Series
SlimLine Plus Unmanaged Industrial Connectivity
CONNECT. MONITOR. CONTROL.
The SLX-3ES is an Ethernet copper to fiber media converter that provides fast performance allowing for
real-time operation in industrial networking applications. These ruggedized converters are industrial
hardened to provide superior reliability. They require no user setup and immediately start operating as
soon as they’re powered up.
PRODUCT HIGHLIGHTS
2 fast Ethernet (10/100) ports
1 fiber optic (10/100BaseFX) port for
distances up to 120km
Slim DIN-rail packaging
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– Fast wire-speed switching
– Intelligent message routing
– Auto-sensing for speed and duplex
– Auto-mdi/mdix-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series
Rugged, Reliable Operation
• Supports deployment in extreme environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– -40 to 85°C operating temperature
– Rugged corrosion-resistant metal enclosure
– Hazardous locations for Class I, Div 2
and Zone 2
CONNECT. MONITOR. CONTROL.
The SLX-3ES is an Ethernet copper to fiber media converter that provides fast performance allowing for
real-time operation in industrial networking applications. These ruggedized converters are industrial
hardened to provide superior reliability. They require no user setup and immediately start operating as
soon as they’re powered up.
PRODUCT HIGHLIGHTS
2 fast Ethernet (10/100) ports
1 fiber optic (10/100BaseFX) port for
distances up to 120km
Slim DIN-rail packaging
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– Fast wire-speed switching
– Intelligent message routing
– Auto-sensing for speed and duplex
– Auto-mdi/mdix-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series
Rugged, Reliable Operation
• Supports deployment in extreme environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– -40 to 85°C operating temperature
– Rugged corrosion-resistant metal enclosure
– Hazardous locations for Class I, Div 2
and Zone 2
CONNECT. MONITOR. CONTROL.
The SLX-3ES is an Ethernet copper to fiber media converter that provides fast performance allowing for
real-time operation in industrial networking applications. These ruggedized converters are industrial
hardened to provide superior reliability. They require no user setup and immediately start operating as
soon as they’re powered up.
PRODUCT HIGHLIGHTS
2 fast Ethernet (10/100) ports
1 fiber optic (10/100BaseFX) port for
distances up to 120km
Slim DIN-rail packaging
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– Fast wire-speed switching
– Intelligent message routing
– Auto-sensing for speed and duplex
– Auto-mdi/mdix-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series
Rugged, Reliable Operation
• Supports deployment in extreme environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– -40 to 85°C operating temperature
– Rugged corrosion-resistant metal enclosure
– Hazardous locations for Class I, Div 2
and Zone 2
CONNECT. MONITOR. CONTROL.
The SLX-3ES is an Ethernet copper to fiber media converter that provides fast performance allowing for
real-time operation in industrial networking applications. These ruggedized converters are industrial
hardened to provide superior reliability. They require no user setup and immediately start operating as
soon as they’re powered up.
PRODUCT HIGHLIGHTS
2 fast Ethernet (10/100) ports
1 fiber optic (10/100BaseFX) port for
distances up to 120km
Slim DIN-rail packaging
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– Fast wire-speed switching
– Intelligent message routing
– Auto-sensing for speed and duplex
– Auto-mdi/mdix-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series
Rugged, Reliable Operation
• Supports deployment in extreme environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– -40 to 85°C operating temperature
– Rugged corrosion-resistant metal enclosure
– Hazardous locations for Class I, Div 2
and Zone 2


Numéro de pièce similaire - SLX-3ES

FabricantNo de pièceFiches techniqueDescription
logo
Red Lion Controls. Inc
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-3EG-1SFP REDLION-SLX-3EG-1SFP Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
More results

Description similaire - SLX-3ES

FabricantNo de pièceFiches techniqueDescription
logo
Red Lion Controls. Inc
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-5EG-2SFP REDLION-SLX-5EG-2SFP Datasheet
704Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
logo
List of Unclassifed Man...
HMI5043L ETC1-HMI5043L Datasheet
335Kb / 2P
   4.3??Slimline Industrial HMI
logo
Red Lion Controls. Inc
EL212F REDLION-EL212F Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
   Military-Rated Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
   Military-Rated Gigabit Industrial Connectivity
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com