Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-16Q Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BC817-16Q
Description  45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-16Q Fiches technique(HTML) 2 Page - Diodes Incorporated

  BC817-16Q Datasheet HTML 1Page - Diodes Incorporated BC817-16Q Datasheet HTML 2Page - Diodes Incorporated BC817-16Q Datasheet HTML 3Page - Diodes Incorporated BC817-16Q Datasheet HTML 4Page - Diodes Incorporated BC817-16Q Datasheet HTML 5Page - Diodes Incorporated BC817-16Q Datasheet HTML 6Page - Diodes Incorporated BC817-16Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BC817-16Q /-40Q
Document number: DS38331 Rev. 2 - 2
2 of 7
www.diodes.com
March 2016
© Diodes Incorporated
BC817-16Q /-40Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
0.5
A
Peak Collector Current
ICM
1.0
A
Peak Base Current
IBM
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
310
mW
(Note 7)
350
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
403
°C/W
(Note 7)
357
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
350
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper; device is measured under still air
conditions whilst operating in a steady-state.
7. Same as Note 6, except mounted on 15mm x 15mm 1oz copper.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Numéro de pièce similaire - BC817-16Q

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BC817-16QB NEXPERIA-BC817-16QB Datasheet
317Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 10 December 2020
BC817-16QB NEXPERIA-BC817-16QB Datasheet
320Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
BC817-16QB-Q NEXPERIA-BC817-16QB-Q Datasheet
329Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
BC817-16QB-Q NEXPERIA-BC817-16QB-Q Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-16QBH-Q NEXPERIA-BC817-16QBH-Q Datasheet
315Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 25 January 2022
More results

Description similaire - BC817-16Q

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com