Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1524A Fiches technique(PDF) 10 Page - Semtech Corporation

No de pièce GS1524A
Description  Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1524A Fiches technique(HTML) 10 Page - Semtech Corporation

Back Button GS1524A Datasheet HTML 6Page - Semtech Corporation GS1524A Datasheet HTML 7Page - Semtech Corporation GS1524A Datasheet HTML 8Page - Semtech Corporation GS1524A Datasheet HTML 9Page - Semtech Corporation GS1524A Datasheet HTML 10Page - Semtech Corporation GS1524A Datasheet HTML 11Page - Semtech Corporation GS1524A Datasheet HTML 12Page - Semtech Corporation GS1524A Datasheet HTML 13Page - Semtech Corporation GS1524A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
GS1524A Adaptive Cable Equalizer
Data Sheet
28852 - 5
June 2009
10 of 16
Figure 3-4: CLI Output Circuit
Figure 3-5: CD/MUTE Circuit
Figure 3-6: Bypass Circuit
4. Detailed Description
The GS1524A is a high speed BiCMOS IC designed to equalize serial digital signals.
The GS1524A can equalize both HD and SD serial digital signals, and will typically
equalize 200m of Belden 1694A cable at 1.485Gb/s and 350m at 270Mb/s.
The GS1524A/ is powered from a single +3.3V power supply and consumes
approximately 265mW of power.
10k
10k
VCC
CLI
-
+
CD/MUTE
BYPASS


Numéro de pièce similaire - GS1524A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
GS1524ACKDE3 GENNUM-GS1524ACKDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524ACTDE3 GENNUM-GS1524ACTDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Description similaire - GS1524A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com