Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7483 Fiches technique(PDF) 3 Page - Bi technologies

No de pièce 7483
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7483 Fiches technique(HTML) 3 Page - Bi technologies

  7483 Datasheet HTML 1Page - Bi technologies 7483 Datasheet HTML 2Page - Bi technologies 7483 Datasheet HTML 3Page - Bi technologies 7483 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
February 19, 2015
Model 7480 page 3 of 4
Model 7480
OUTLINE DRAWINGS
.625
15.9R Max.
.875±.016
22.2±0.41 Dia.
75°
Max.
Slot: .032±.005/0.813±0.127 Wide X
.032+.010-.000/0.813+0.254-0.000 Deep
(Not on Rear Shaft Models)
Chamfer
.016/0.41 Max. x 45°
Dim. D
.312±.016
7.93±0.41
+.000
-.010
+0.00
-0.25
.062
1.58
.080±.001
2.03±0.03 Dia.
1.125±.031
28.58±0.79
Mounting Surface
Dim.A
Dim. B
Dim. C
.125
3.18 Min.
.750±.016
19.1±0.41
Slider
CCW
CW
.688±.013
17.475±0.787
.812±.031
20.625±0.787
+.0000
-.0003
+0.0000
-0.0076
+.0000
-.0005
+0.0000
-0.0127
.1248
3.1699
.2500
6.3500
+.000
-.002
+0.000
-0.051
+.000
-.002
+0.000
-0.051
.281
7.137
.406
10.312
Dia.
Dia.
Dia.
Dia.
1/4-32 UNEFThread 3/8-32UNEFThread
7481
7486
Dim.
A
B
C
D
Models 7481 & 7486
Bushing Mount with Sleeve Bearing
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code “FT” to order.
Enlarged View B
MATCHING TURNS COUNTING DIALS
7481: RBJ, 2601, 2641
7486: RB, 2126, 2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S


Numéro de pièce similaire - 7483

FabricantNo de pièceFiches techniqueDescription
logo
Bi technologies
7483 BITECH-7483 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
Wurth Elektronik GmbH &...
748323024 WURTH-748323024 Datasheet
189Kb / 3P
   Bandpass-Filter WE-BPF
748323056 WURTH-748323056 Datasheet
188Kb / 3P
   Bandpass-Filter WE-BPF
748323155 WURTH-748323155 Datasheet
187Kb / 3P
   Bandpass-Filter WE-BPF
748351024 WURTH-748351024 Datasheet
186Kb / 3P
   Bandpass-Filter WE-BPF
More results

Description similaire - 7483

FabricantNo de pièceFiches techniqueDescription
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com