Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61100PW Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61100PW
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61100PW Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS61100PW Datasheet HTML 5Page - Texas Instruments TPS61100PW Datasheet HTML 6Page - Texas Instruments TPS61100PW Datasheet HTML 7Page - Texas Instruments TPS61100PW Datasheet HTML 8Page - Texas Instruments TPS61100PW Datasheet HTML 9Page - Texas Instruments TPS61100PW Datasheet HTML 10Page - Texas Instruments TPS61100PW Datasheet HTML 11Page - Texas Instruments TPS61100PW Datasheet HTML 12Page - Texas Instruments TPS61100PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (CONTINUED)
PARAMETER MEASUREMENT INFORMATION
SWN
C3
10
µF
Power
Supply
L1
10
µH
R1
R2
VBAT
VOUT
FB
R3
R6
LDOIN
R5
R4
LDOSENSE
LDOOUT
R7
R8
R9
C6
2.2
µF
C4
100
µF
U1
LBO1
LBO2
PGOOD
PGND
LBI
SKIPEN
ADEN
EN
ENPB
LDOEN
GND
TPS6110x
List of Components:
U1 = TPS6110x
L1 = SUMIDA CDRH74–100
C3, C5, C6 = X7R/X5R Ceramic
C4 = Low ESR Tantalum
VCC1
Boost Output
VCC2
LDO Output
Control
Outputs
C5
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25
°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL STAGE
VIL
LBI1 voltage threshold
VLBI voltage decreasing
390
400
410
mV
LBI2 voltage threshold
VLBI voltage decreasing
440
450
460
mV
LBI3 voltage threshold
VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
10
mV
LBI input current
EN = Vbat or GND
0.01
0.1
µA
LBO1 output low voltage
Vo = 3.3 V, IOL = 10 µA
0.04
0.4
V
LBO1 output low current
10
µA
LBO1 output leakage current
VLBO = 3.3 V
0.01
0.1
µA
LBO2 output low voltage
Vo = 3.3 V, IOL = 10 µA
0.04
0.4
V
LBO2 output low current
10
µA
LBO2 output leakage current
VLBO = 3.3 V
0.01
0.1
µA
EN, ENPB, LDOEN, SKIPEN and ADEN input
VIL
0.2
× VBAT
low voltage
EN, ENPB, LDOEN, SKIPEN and ADEN input
VIH
0.8
× VBAT
high voltage
EN, ENPB, LDOEN, SKIPEN and ADEN input
Clamped on GND or VBAT
0.01
0.1
µA
current
Powergood threshold
Vo = 3.3 V
0.9xVo
0.92xVo
0.95xVo
Powergood delay
30
µs
Powergood output low voltage
Vo = 3.3 V, IOL = 10 µA
0.04
0.4
V
Powergood output low current
10
µA
Powergood output leakage current
0.01
0.1
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
9
Not Recommended for New Designs


Numéro de pièce similaire - TPS61100PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Description similaire - TPS61100PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com