Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS610997YFFT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS610997YFFT
Description  TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610997YFFT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS610997YFFT Datasheet HTML 4Page - Texas Instruments TPS610997YFFT Datasheet HTML 5Page - Texas Instruments TPS610997YFFT Datasheet HTML 6Page - Texas Instruments TPS610997YFFT Datasheet HTML 7Page - Texas Instruments TPS610997YFFT Datasheet HTML 8Page - Texas Instruments TPS610997YFFT Datasheet HTML 9Page - Texas Instruments TPS610997YFFT Datasheet HTML 10Page - Texas Instruments TPS610997YFFT Datasheet HTML 11Page - Texas Instruments TPS610997YFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Current
Sense
Boost
Gate Driver
Pulse
Modulator
B2
B1
A1
Logic
Control
C1
REF
SW
EN
VOUT
VIN
Pass-Through
VPSTH
C2
TPS61099x
TPS61099
(1)
Thermal
Shutdown
OCP
UVLO
Down Mode
VDOWN
Startup
Protection
(OCP, OVP)
OVP
A2
FB
GND
Copyright © 2016, Texas Instruments Incorporated
8
TPS61099
SLVSD88A – JULY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61099x synchronous step-up converter is designed for alkaline battery, coin-cell battery, Li-ion or Li-
polymer battery powered systems, which requires long battery running time and tiny solution size. The
TPS61099x can operate with a wide input voltage from 0.7 V to 5.5 V. It only consumes 1 µA quiescent current
and can achieve high efficiency under light load condition.
The TPS61099x operates in a hysteretic control scheme with typical 1-A peak switch current limit. The
TPS61099x provides the true shutdown function and the load is completely disconnected from the input so as to
minimize the leakage current. It also adopts Down Mode and Pass-Through operation when input voltage is
close to or higher than the regulated output voltage. The TPS61099x family is available in both adjustable and
fixed output voltage versions. Adjustable version offers programmable output voltage for flexible applications
while fixed versions offer minimal solution size and achieve up to 75% high efficiency under 10-µA load.
8.2 Functional Block Diagrams
(1)
Internal FB resistor divider is implemented in fixed output voltage versions.
Figure 9. Functional Block Diagram
8.3 Feature Description
8.3.1
Boost Controller Operation
The TPS61099x boost converter is controlled by a hysteretic current mode controller. This controller regulates
the output voltage by keeping the inductor ripple current constant in the range of 300 mA and adjusting the offset
of this inductor current depending on the output load. Since the input voltage, output voltage and inductor value
all affect the rising and falling slopes of inductor ripple current, the switching frequency is not fixed and is
determined by the operation condition. If the required average input current is lower than the average inductor
current defined by this constant ripple, the inductor current goes discontinuously to keep the efficiency high under
light load condition. Figure 10 illustrates the hysteretic current operation. If the load current is reduced further, the


Numéro de pièce similaire - TPS610997YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS610997YFFT TI1-TPS610997YFFT Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610997YFFT TI1-TPS610997YFFT Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610997YFFT TI1-TPS610997YFFT Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610997YFFT TI1-TPS610997YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610997YFFT TI-TPS610997YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Description similaire - TPS610997YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com