Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS610985DSET Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS610985DSET
Description  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610985DSET Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS610985DSET Datasheet HTML 3Page - Texas Instruments TPS610985DSET Datasheet HTML 4Page - Texas Instruments TPS610985DSET Datasheet HTML 5Page - Texas Instruments TPS610985DSET Datasheet HTML 6Page - Texas Instruments TPS610985DSET Datasheet HTML 7Page - Texas Instruments TPS610985DSET Datasheet HTML 8Page - Texas Instruments TPS610985DSET Datasheet HTML 9Page - Texas Instruments TPS610985DSET Datasheet HTML 10Page - Texas Instruments TPS610985DSET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
www.ti.com
SLVS873D – JUNE 2015 – REVISED APRIL 2016
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = -40°C to 125°C and VIN = 0.7 V to 4.5 V. Typical values are at VIN = 1.5 V, TJ = 25°C, unless otherwise noted.
PARAMETER
VERSION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
V(MAIN)
Boost converter output voltage
TPS61098/7
MODE = High, VIN < V(PSTH)
Burst mode, open loop
4.45
V
MODE = High, VIN < V(PSTH)
PWM mode, open loop
4.142
4.27
4.398
V
MODE = Low, VIN < V(PSTH)
Burst mode, open loop
2.3
V
MODE = Low, VIN < V(PSTH)
PWM mode, open loop
2.163
2.23
2.297
V
TPS610981
MODE = High / Low, VIN < V(PSTH)
Burst mode, open loop
3.4
V
MODE = High / Low, VIN < V(PSTH)
PWM mode, open loop
3.201
3.3
3.399
V
TPS610982
MODE = High / Low, VIN < V(PSTH)
Burst mode, open loop
3.4
V
MODE = High / Low, VIN < V(PSTH)
PWM mode, open loop
3.201
3.3
3.399
V
TPS610985
MODE = High / Low, VIN < V(PSTH)
Burst mode, open loop
3.1
V
MODE = High / Low, VIN < V(PSTH)
PWM mode, open loop
2.91
3.0
3.09
V
TPS610986
MODE = High / Low, VIN < V(PSTH)
Burst mode, open loop
3.4
V
MODE = High / Low, VIN < V(PSTH)
PWM mode, open loop
3.201
3.3
3.399
V
V(SUB)
LDO output voltage
(LDO version)
TPS61098/7
MODE = High
3.038
3.1
3.162
V
TPS610981
MODE = High
2.94
3.0
3.06
V
TPS610982
MODE = High / Low
2.744
2.8
2.856
V
V(PSTH)
Pass-through mode threshold
TPS61098/7
MODE = High, VIN rising
4.4
V
MODE = High, Hysteresis
0.1
V
MODE = Low, VIN rising
2.25
V
MODE = Low, Hysteresis
0.1
V
TPS610981
MODE = High / Low, VIN rising
3.35
V
MODE = High / Low, Hysteresis
0.1
V
TPS610982
MODE = High / Low, VIN rising
3.35
V
MODE = High / Low, Hysteresis
0.1
V
TPS610985
MODE = High / Low, VIN rising
3.05
V
MODE = High / Low, Hysteresis
0.1
V
TPS610986
MODE = High / Low, VIN rising
3.35
V
MODE = High / Low, Hysteresis
0.1
V
PSRR
Power-supply rejection ratio from LDO
input to output
TPS61098/1/2/7
f = 1kHz, CO2 = 10 µF, ISUB = 10 mA
MODE = High
40
dB
TPS610982
f = 1kHz, CO2 = 10 µF, ISUB = 10 mA
MODE = Low
28
dB
tstup_LDO
VSUB startup time
(LDO version and load switch version)
TPS61098x
No Load
Time from MODE high to 90% of V(SUB)
1
ms
Control Logic
VIL
MODE input low voltage
TPS61098x
0.4
V
VIH
MODE input high voltage
TPS61098x
1.2
V
Overtemperature protection
TPS61098x
150
°C
Overtemperature hysteresis
TPS61098x
25
°C


Numéro de pièce similaire - TPS610985DSET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS610985DSET TI1-TPS610985DSET Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Description similaire - TPS610985DSET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com