Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63024YFFT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63024YFFT
Description  High Current, High Efficiency Single Inductor Buck-Boost Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63024YFFT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS63024YFFT Datasheet HTML 7Page - Texas Instruments TPS63024YFFT Datasheet HTML 8Page - Texas Instruments TPS63024YFFT Datasheet HTML 9Page - Texas Instruments TPS63024YFFT Datasheet HTML 10Page - Texas Instruments TPS63024YFFT Datasheet HTML 11Page - Texas Instruments TPS63024YFFT Datasheet HTML 12Page - Texas Instruments TPS63024YFFT Datasheet HTML 13Page - Texas Instruments TPS63024YFFT Datasheet HTML 14Page - Texas Instruments TPS63024YFFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS63024
TPS630241, TPS630242
www.ti.com
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
Feature Description (continued)
9.3.4
Softstart
To minimize inrush current and output voltage overshoot during start up, the device has a Softstart. At turn on,
the input current raises monotonically until the output voltage reaches regulation. During Softstart, the input
current follows the current ramp charging the internal Softstart capacitor. The device smoothly ramps up the input
current bringing the output voltage to its regulated value even if a large capacitor is connected at the output.
The Softstart time is measured as the time from when the EN pin is asserted to when the output voltage has
reached 90% of its nominal value. There is typically a 100µs delay time from when the EN pin is asserted to
when the device starts the switching activity. The Softstart time depends on the load current, the input voltage,
and the output capacitor. The Softstart time in boost mode is longer then the time in buck mode. The total typical
Softstart time is 1ms.
The inductor current is able to increase and always assure a soft start unless a real short circuit is applied at the
output.
9.3.5
Short Circuit Protection
The TPS63024x provides short circuit protection to protect itself and the application. When the output voltage
does not increase above 1.2V, the device assumes a short circuit at the output and limits the input current to 3A.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS630241 TPS630242


Numéro de pièce similaire - TPS63024YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020-Q1 TI1-TPS63020-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI1-TPS63020-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
More results

Description similaire - TPS63024YFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805_18 Datasheet
560Kb / 22P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63027 TI1-TPS63027 Datasheet
739Kb / 23P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI-TPS630250_15 Datasheet
3Mb / 30P
[Old version datasheet]   TPS63025x High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63020-Q1 TI1-TPS63020-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com