Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61087QDRCRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61087QDRCRQ1
Description  TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087QDRCRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS61087QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
0
200
400
600
800
1000
1200
1400
2.5
3
3.5
4
4.5
5
5.5
6
V
-SupplyVoltage-V
CC
V =15V/200mA
S
FREQ=V
L =3.3 H
IN
m
FREQ=GND
L =6.8 H
m
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SWITCHING
f =1.2Mhz
L =3.3 H
S
m
SWITCHING
f =650kHz
L =6.8 H
S
m
NOTSWITCHING
V
-SupplyVoltage-V
CC
0
200
400
600
800
1000
1200
1400
1600
0.0
0.1
0.2
0.3
0.4 0.5
0.6
0.7
0.8
0.9
1.0
I
-LoadCurrent-mA
OUT
FREQ=V
L =3.3 H
IN
m
FREQ=GND
L =6.8 H
m
V
=5V
V =15V
IN
S
0
10
20
30
40
50
60
70
80
90
100
0.0 0.1
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
I
-LoadCurrent- A
OUT
f =650kHz
L =6.8 H
S
m
f =1.2Mhz
L =3.3 H
S
m
V
=5V
V =15V
IN
S
0
10
20
30
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
I
-LoadCurrent- A
OUT
f =650kHz
L =6.8 H
S
m
f =1.2Mhz
L =3.3 H
S
m
V
=3.3V
V =9V
IN
S
6
TPS61087-Q1
SLVSB50B – DECEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61087-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 3. Efficiency vs Load Current
Figure 4. Efficiency vs Load Current
Figure 5. Supply Current vs Supply Voltage
Figure 6. Oscillator Frequency vs Load Current
Figure 7. Oscillator Frequency vs Supply Voltage


Numéro de pièce similaire - TPS61087QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61087QDRCRQ1 TI1-TPS61087QDRCRQ1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results

Description similaire - TPS61087QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com