Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62743YFPT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62743YFPT
Description  300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62743YFPT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62743YFPT Datasheet HTML 6Page - Texas Instruments TPS62743YFPT Datasheet HTML 7Page - Texas Instruments TPS62743YFPT Datasheet HTML 8Page - Texas Instruments TPS62743YFPT Datasheet HTML 9Page - Texas Instruments TPS62743YFPT Datasheet HTML 10Page - Texas Instruments TPS62743YFPT Datasheet HTML 11Page - Texas Instruments TPS62743YFPT Datasheet HTML 12Page - Texas Instruments TPS62743YFPT Datasheet HTML 13Page - Texas Instruments TPS62743YFPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
V ,
IN
V
OUT
t
softstart
V
IN
Step Down Operation
100%
Mode
100%
Mode
V
TH_100+
V
TH_100-
V
UVLO+
V
UVLO-
V
tracks V
OUT
IN
V
tracks V
OUT
IN
V
discharge
OUT
10
TPS62743, TPS627431
SLVSCQ0A – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS62743 TPS627431
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Enable and Shutdown
The device is turned on with EN=high. With EN=low the device enters shutdown. This pin must be terminated.
9.4.2 Device Start-up and Softstart
The device has an internal softstart to minimize input voltage drop during start-up. This allows the operation from
high impedance battery cells. Once the device is enabled the device starts switching after a typical delay time of
10ms. Then the softstart time of typical 700 µs begins with a reduced current limit of typical 150 mA. When this
time passed by the device enters full current limit operation. This allows a smooth start-up and the device can
start into full load current. Furthermore, larger output capacitors impact the start-up behaviour of the DC/DC
converter. Especially when the output voltage does not reach its nominal value after the typical soft-start time of
700 µs, has passed.
9.4.3 Automatic Transition Into No Ripple 100% Mode
Once the input voltage comes close to the output voltage, the DC/DC converter stops switching and enters 100%
duty cycle operation. It connects the output VOUT via the inductor and the internal high side MOSFET switch to
the input VIN, once the input voltage VIN falls below the 100% mode enter threshold, VTH_100-. The DC/DC
regulator is turned off, switching stops and therefore no output voltage ripple is generated. Since the output is
connected to the input, the output voltage follows the input voltage minus the voltage drop across the internal
high side switch and the inductor. Once the input voltage increases and trips the 100% mode exit threshold,
VTH_100+ , the DC/DC regulator turns on and starts switching again. See Figure 5 and Figure 26.
Figure 5. Automatic Transition into 100% Mode


Numéro de pièce similaire - TPS62743YFPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
More results

Description similaire - TPS62743YFPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com