Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62675YFD Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS62675YFD
Description  500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62675YFD Fiches technique(HTML) 4 Page - Texas Instruments

  TPS62675YFD Datasheet HTML 1Page - Texas Instruments TPS62675YFD Datasheet HTML 2Page - Texas Instruments TPS62675YFD Datasheet HTML 3Page - Texas Instruments TPS62675YFD Datasheet HTML 4Page - Texas Instruments TPS62675YFD Datasheet HTML 5Page - Texas Instruments TPS62675YFD Datasheet HTML 6Page - Texas Instruments TPS62675YFD Datasheet HTML 7Page - Texas Instruments TPS62675YFD Datasheet HTML 8Page - Texas Instruments TPS62675YFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
GND
A1
B1
C1
A2
B2
C2
FB
SW
MODE
VIN
EN
TPS6267x
CSP-6
(TOP VIEW)
MODE
C1
A2
B2
C2
A1
B1
VIN
EN
GND
FB
SW
TPS6267x
CSP-6
(BOTTOMVIEW)
TPS62671, TPS62672, TPS62674
TPS62675, TPS626751, TPS626765, TPS62679
SLVS952F – APRIL 2010 – REVISED JUNE 2014
www.ti.com
6 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
DEVICE SPECIFIC FEATURE
PACKAGE MARKING
TPS62671YFD
1.8V
PWM Spread Spectrum Modulation (SSM)
NZ
TPS62672YFD
1.5V
PWM Spread Spectrum Modulation (SSM)
OA
TPS62674YFD
1.26V
PWM SSM, PWM Operation Only, Output Discharge
PN
TPS62675YFD
1.2V
PWM Spread Spectrum Modulation (SSM)
OB
TPS626751YFD
1.2V
PWM SSM, Output Discharge
E3
TPS626765YFD
1.05V
PWM SSM, Output Discharge
EH
TPS62679ZYFM
1.26V
PWM SSM, Extended Start-Up Time, Output Discharge
-
7 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
FB
C1
I
Output feedback sense input. Connect FB to the converter’s output.
VIN
A2
I
Power supply input.
SW
B1
I/O
This is the switch pin of the converter and is connected to the drain of the internal Power MOSFETs.
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown mode.
EN
B2
I
Pulling this pin to VI enables the device. If an external clock (4MHz to 27MHz) is detected the device will
automatically power up. This pin must not be left floating and must be terminated.
This is the mode selection pin of the device. This pin must not be left floating and must be terminated.
MODE = LOW: The device is operating in regulated frequency pulse width modulation mode (PWM) at high-
MODE
A1
I
load currents and in pulse frequency modulation mode (PFM) at light load currents.
MODE = HIGH: Low-noise mode enabled, regulated frequency PWM operation forced.
GND
C2
Ground pin.
4
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS62671 TPS62672 TPS62674 TPS62675 TPS626751 TPS626765 TPS62679


Numéro de pièce similaire - TPS62675YFD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62675 TI-TPS62675 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
More results

Description similaire - TPS62675YFD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com