Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60301DGSR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60301DGSR
Description  TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60301DGSR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS60301DGSR Datasheet HTML 1Page - Texas Instruments TPS60301DGSR Datasheet HTML 2Page - Texas Instruments TPS60301DGSR Datasheet HTML 3Page - Texas Instruments TPS60301DGSR Datasheet HTML 4Page - Texas Instruments TPS60301DGSR Datasheet HTML 5Page - Texas Instruments TPS60301DGSR Datasheet HTML 6Page - Texas Instruments TPS60301DGSR Datasheet HTML 7Page - Texas Instruments TPS60301DGSR Datasheet HTML 8Page - Texas Instruments TPS60301DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SLVS302B – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
10
Application and Implementation........................ 11
2
Applications ........................................................... 1
10.1
Application Information.......................................... 11
3
Description ............................................................. 1
10.2
Typical Application ............................................... 11
4
Revision History..................................................... 2
11
Power Supply Recommendations ..................... 18
5
Description (continued)......................................... 3
12
Layout................................................................... 18
6
Device Comparison Table..................................... 4
12.1
Layout Guidelines ................................................. 18
7
Pin Configuration and Functions ......................... 4
12.2
Layout Example .................................................... 18
8
Specifications......................................................... 5
12.3
Power Dissipation ................................................. 19
8.1
Absolute Maximum Ratings ...................................... 5
13
Device and Documentation Support ................. 20
8.2
ESD Ratings ............................................................ 5
13.1
Device Support...................................................... 20
8.3
Recommended Operating Conditions ....................... 5
13.2
Related Links ........................................................ 20
8.4
Thermal Information ................................................. 6
13.3
Community Resources.......................................... 20
8.5
Electrical Characteristics........................................... 6
13.4
Trademarks ........................................................... 20
8.6
Typical Characteristics .............................................. 8
13.5
Electrostatic Discharge Caution ............................ 20
9
Detailed Description .............................................. 9
13.6
Glossary ................................................................ 20
9.1
Overview ................................................................... 9
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ......................................... 9
Information ........................................................... 20
9.3
Feature Description................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2001) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60300 TPS60301 TPS60302 TPS60303


Numéro de pièce similaire - TPS60301DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60301DGSR TI-TPS60301DGSR Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60301DGSRG4 TI-TPS60301DGSRG4 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
More results

Description similaire - TPS60301DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com