Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZPE1D156MTA Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce EZPE1D156MTA
Description  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZPE1D156MTA Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  EZPE1D156MTA Datasheet HTML 1Page - Panasonic Semiconductor EZPE1D156MTA Datasheet HTML 2Page - Panasonic Semiconductor EZPE1D156MTA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
Marking
P1±1
L±0.5
P2±1
0±0.2
Marking
P1±1
0±0.2
L±0.5
DC
V
μF
(a)
(a) Rated voltage
(b) Capacitance
(c) Lot No.
(c)
(b)
Panasonic
Marking
(ex.)
Unit : mm
Rated voltage : 500 V.DC at 70 °C (450 V.DC at 85 °C)
✽1 : When rising temperature of capacitor surface by continuous peak current (included pulse current),
use within limit specified for temperature of capacitor surface and self heating temperature rise.
✽2 : Maximum RMS current @70 °C, 10 kHz
Use within limit for self heating temperature rise at capacitor surface.
✽3 : Typical values @ 20 °C, 10 kHz ESR : less than 2.5×ESR typ
✽4 : Maximum dissipation factor @ 20 °C, 1 kHz
✽5 : Minimum order quantity consists of 4 packing units.
Part No.
Cap.
CR
(μF)
Dimensions (mm)
dv/dt
[V/μs]
Permissible
current
ESR typ ✽
3
(m
Ω)
tan
d
✽4
(%)
Mass
(g)
Min.
order
Q'ty
5
(pcs)
WH
LP1
P2
f
Peak
Current
1
(Ao-p)
RMS
Current
2
(Arms)
EZPE50106LTA
10
20
42
41.5 37.5
1.2
21
210
5.0
22.0
0.28
45
600
EZPE50156LTA
15
20
42
41.5 37.5
1.2
21
315
7.5
14.8
0.28
45
EZPE50206LTA
20
20
42
41.5 37.5
1.2
21
420
9.5
11.0
0.28
44
EZPE50256LTA
25
20
42
41.5 37.5
1.2
21
525
11.0
8.8
0.28
43
EZPE50306MTA
30
20
42
41.5 37.5 10.2
1.2
21
630
12.5
7.0
0.28
43
EZPE50356MTA
35
30
51
41.5 37.5 10.2
1.2
21
735
13.5
6.2
0.28
83
400
EZPE50406MTA
40
30
51
41.5 37.5 10.2
1.2
21
840
14.5
5.4
0.28
82
EZPE50456MTA
45
30
51
41.5 37.5 10.2
1.2
21
945
15.2
4.9
0.28
81
EZPE50506MTA
50
30
51
41.5 37.5 20.3
1.2
21
1050
16.0
4.4
0.28
80
EZPE50556MTA
55
30
51
41.5 37.5 20.3
1.2
21
1155
16.3
4.1
0.28
79
EZPE50606MTA
60
30
51
41.5 37.5 20.3
1.2
21
1260
16.5
3.9
0.28
77
EZPE50656MTA
65
30
51
57.5 52.5 10.2
1.2
14
910
15.0
6.8
0.44
111
200
EZPE50706MTA
70
30
51
57.5 52.5 10.2
1.2
14
980
15.5
6.5
0.44
109
EZPE50756MTA
75
30
51
57.5 52.5 20.3
1.2
14
1050
16.0
6.0
0.44
108
EZPE50806MTA
80
30
51
57.5 52.5 20.3
1.2
14
1120
16.5
5.7
0.44
106
EZPE50856MTA
85
35
56
57.5 52.5 20.3
1.2
14
1190
16.7
5.4
0.44
142
EZPE50906MTA
90
35
56
57.5 52.5 20.3
1.2
14
1260
17.0
5.1
0.44
141
EZPE50956MTA
95
35
56
57.5 52.5 20.3
1.2
14
1330
17.5
4.9
0.44
140
EZPE50107MTA 100
35
56
57.5 52.5 20.3
1.2
14
1400
18.0
4.7
0.44
139
EZPE50117MTA
110
35
56
57.5 52.5 20.3
1.2
14
1540
18.5
4.4
0.44
138
Dimensions
Rating · Dimensions · Quantity
Feb. 2016
01


Numéro de pièce similaire - EZPE1D156MTA

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZPE1B106MTA PANASONIC-EZPE1B106MTA Datasheet
184Kb / 4P
   Metallized Polypropylene Film Capacitors
EZPE1B156MTA PANASONIC-EZPE1B156MTA Datasheet
184Kb / 4P
   Metallized Polypropylene Film Capacitors
EZPE1B206MTA PANASONIC-EZPE1B206MTA Datasheet
184Kb / 4P
   Metallized Polypropylene Film Capacitors
EZPE1B256MTA PANASONIC-EZPE1B256MTA Datasheet
184Kb / 4P
   Metallized Polypropylene Film Capacitors
EZPE1B306MTA PANASONIC-EZPE1B306MTA Datasheet
184Kb / 4P
   Metallized Polypropylene Film Capacitors
More results

Description similaire - EZPE1D156MTA

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com