Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60240DGK Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS60240DGK
Description  TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60240DGK Fiches technique(HTML) 5 Page - Texas Instruments

  TPS60240DGK Datasheet HTML 1Page - Texas Instruments TPS60240DGK Datasheet HTML 2Page - Texas Instruments TPS60240DGK Datasheet HTML 3Page - Texas Instruments TPS60240DGK Datasheet HTML 4Page - Texas Instruments TPS60240DGK Datasheet HTML 5Page - Texas Instruments TPS60240DGK Datasheet HTML 6Page - Texas Instruments TPS60240DGK Datasheet HTML 7Page - Texas Instruments TPS60240DGK Datasheet HTML 8Page - Texas Instruments TPS60240DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS60240, TPS60241, TPS60242, TPS60243
www.ti.com
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
For TPS6024x at TA = 25°C, CIN = COUT =1 µF, C1 = C2 = 1 µF (unless otherwise noted), limits apply over the specified
temperature range, –40°C to 85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS60240 assured start-up
IOUT ≤ 5 mA, RL = 600 Ω
1.8
5.5
TPS60241 assured start-up
IOUT ≤ 12 mA, RL = 417 Ω
2.7
5.5
VIN
Input voltage
V
TPS60242 assured start-up
IOUT ≤ 12 mA, RL = 225 Ω
1.8
5.5
TPS60243 assured start-up
IOUT ≤ 10 mA, RL = 300 Ω
1.8
5.5
1.8 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 5 mA
3.2175
3.3
3.3825
TPS60240
2.4 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 25 mA
3.2175
3.3
3.3825
2.7 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 12 mA
4.875
5
5.125
TPS60241
3 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 25 mA
4.875
5
5.125
VOUT
Output voltage
V
1.8 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 12 mA
2.6325
2.7
2.7675
TPS60242
2.3 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 25 mA
2.6325
2.7
2.7675
1.8 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 10 mA
2.925
3
3.075
TPS60243
2.3 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 25 mA
2.925
3
3.075
Nominal
2 V
≤ VIN ≤ 5.5 V
12
TPS60240/2/3
Short circuit
VIN = 2 V
80
IOUT
Output current
mA
Nominal
2.7 V
≤ VIN ≤ 5.5 V
12
TPS60241
Short circuit
VIN = 3.25 V
80
fOSC
Internal clock source
100
160
300
kHz
VIN < 2.5 V, IOUT = 5 mA, ESR < 0.1 Ω,
TPS60240/2/3
170
Measured over 20 Hz to 10 MHz, COUT = 4.7 µF
Vn
Output noise voltage
µV RMS
VIN = 2.7 V, IOUT = 5 mA, ESR < 0.1 Ω,
TPS60241
170
Measured over 20 Hz to 10 MHz, COUT = 4.7 µF
VIH
Logic high input voltage, EN
1.3
5.5
V
VIL
Logic low input voltage, EN
–0.2
0.4
V
IIH
Logic high input current, EN
100
nA
IIL
Logic low input current, EN
100
nA
VOUT > 90% of V(NOM), 0.1 mA ≤ IOUT ≤ 10 mA, COUT =
t(EN)
Start-up time, EN
0.5
ms
1 µF
TPS60240
IOUT = 5 mA, VIN = 1.8 V
89.6%
TPS60241
IOUT = 10 mA, VIN = 2.7 V
90.8%
η
Efficiency
TPS60242
IOUT = 10 mA, VIN = 1.8 V
73%
TPS60243
IOUT = 10 mA, VIN = 1.8 V
81%
IOUT = 0 mA, VIN = 3 V
250
400
IQ
Quiescent current
µA
In shutdown mode
0.1
1
Temperature activated
160
Thermal shutdown
°C
Temperature deactivated
140
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Numéro de pièce similaire - TPS60240DGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240DGK TI-TPS60240DGK Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60240DGKR TI-TPS60240DGKR Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
TPS60240DGKT TI-TPS60240DGKT Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Description similaire - TPS60240DGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com