Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST60-48F-12SX Datasheet(Fiches technique) 1 Page - Arch Electronics Corp.

Numéro de pièce ST60-48F-12SX
Description  Power Module for PCB Mountable
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ARCH [Arch Electronics Corp.]
Site Internet  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST60-48F-12SX Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST60-48F-12SX Datasheet HTML 1Page - Arch Electronics Corp. ST60-48F-12SX Datenblatt HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_0
update : 2015.10.02
Encapsulated DC-DC Converter
ST60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
with Heatsink
( Single Output )
ST60-48F-12S X
ST60-48F-15S X
ST60-48F-24S X
Model No.
without Heatsink
(Single Output )
ST60-48F-12S
ST60-48F-15S
ST60-48F-24S
Max Output Wattage (W) with Heatsink
(at 48 Vin)
60W
Max Output Wattage (W) without Heatsink
(at 48 Vin)
60W
55.5W
56.4W
Input
Voltage (with Derating)
48V (18-72V)
DC-DC ON
Open
Remote ON/OFF
DC-DC OFF
When -DC IN and ON/OFF CTL is Short
Voltage (V.DC.)
12
15
24
Trim Voltage Range
5%
5%
None
Voltage Accuracy
2%
Current (mA)
with Heatsink
(max.)
5000
4000
2500
Current (mA)
without Heatsink (max.)
5000
3700
2350
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Capacitor Load (max)
(at 48 Vin)
800uF
500uF
220uF
Ripple & Noise
(Note 1)
150mV
1% of Vout
1% of Vout
Output
Efficiency
(at 48 Vin)
91%
90%
90%
Over Power Protection
Auto-recovery
Over Voltage Protection
Zener diode clamp
Over Temperature
Auto-recovery
Protection
Short Circuit Protection
Auto-recovery
Voltage
1600 VDC.
Resistance
108 ohms
Isolation
Capacitance (typ.)
2420 pF
Operating Temperature
(Note 2)
-40°C…+80°C (with derating)
Storage Temperature
-45°C…+100°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.08 x 1.08 x 0.53 Inches ( 52.8 x 27.5 x 13.5 mm ) Tolerance
0.5 mm
Case Material
Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
Pending
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL, cUL
(Pending)
EMI
(Note 3)
(Conducted & Radiated Emission)
EN 55022 class A
(Pending)
EMC
EMS (Noise Immunity)
EN 55024
(Pending)
KEY FEATURES
 Power Module for PCB Mountable
 Smaller Size
 4:1 Wide Input Range
 Regulated Output
 High Efficiency
 Operating Temperature: -40°C…+80°C (with derating)
 Remote ON/OFF Control
 Protections: Over Voltage / Over Temperature /
Short Circuit All by Auto-recovery
 3-Year Product Warranty


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn