Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62404QDRCRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62404QDRCRQ1
Description  2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62404QDRCRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62404QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS62404QDRCRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TPS62400-Q1, TPS62402-Q1, TPS62404-Q1, TPS62405-Q1
SLVSA67E – FEBRUARY 2010 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 3.6 V, VOUT1 = VOUT2 = 1.8 V, EN1 = EN2 = VIN, MODE = GND, L1 = L2 = 2.2 μH, COUT1 = COUT2 = 20 μF, TJ = –40°C to
125°C, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage positioning active,
MODE/DATA = GND,
VOUTx(PFM)
–1.5%
1%
2.5%
device operating in PFM mode,
VIN = 2.5 V to 5 V
(6) (7)
DC output voltage accuracy adjustable and
MODE/DATA = GND;
fixed output voltage(5)
device operating in PWM mode,
–1%
0%
1%
VIN = 2.5 V to 6 V
(7)
VOUTx(PWM)
VIN = 2.5 V to 6 V, MODE/DATA = VIN ,
Fixed PWM operation,
–1%
0%
1%
0 mA < IOUT1 < 400 mA ; 0 mA < IOUT2 < 600 mA
(8)
DC output voltage load regulation
PWM operation mode
0.5
%/A
(5)
Output voltage specification does not include tolerance of external voltage-programming resistors.
(6)
Configuration L1 or L2 typ. 2.2
μH, COUTx typ 20 μF. See parameter measurement information, the output voltage ripple in PFM mode
depends on the effective capacitance of the output capacitor; larger output capacitors lead to tighter output voltage tolerance.
(7)
In power-save mode, the device typically enters PWM operation at IPSM = VIN / 32 Ω.
(8)
For VOUTx > 2 V, VIN min = VOUTx + 0.5 V
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
INTERFACE TIMING
tStart
Start time
2
μs
tH_LB
High-time low bit, logic 0 detection
Signal level on MODE/DATA pin is > 1.2 V
2
200
μs
tL_LB
Low-time low bit, logic 0 detection
Signal level on MODE/DATA pin < 0.4 V
2 x tH_LB
400
μs
tL_HB
Low-time high bit, logic 1 detection
Signal level on MODE/DATA pin < 0.4 V
2
200
μs
tH_HB
High-time high bit, logic 1 detection
Signal level on MODE/DATA pin is > 1.2 V
2 x tL_HB
400
μs
tEOS
End of stream
2
μs
Duration of acknowledge condition
tACKN
(MODE/DATE line pulled low by the
VIN 2.5 V to 6 V
400
520
μs
device)
tvalACK
Acknowledge valid time
2
μs
ttimeout
Time-out for entering power-save mode
MODE/DATA pin changes from high to low
520
μs
7.7 Switching Characteristics
VIN = 3.6 V, VOUT1 = VOUT2 = 1.8 V, EN1 = EN2 = VIN, MODE = GND, L1 = L2 = 2.2 μH, COUT1 = COUT2 = 20 μF, TJ = –40°C to
125°C, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
2.5 V
≤ VIN ≤ 6 V; TPS62400-Q1
1.7
2.3
2.7
adjustable version(1)
3.0 V
≤ VIN ≤ 6 V; TPS62400-Q1,
fSW
Oscillator frequency
2
2.3
2.7
MHz
TPS62402-Q1, TPS62404-Q1(1)
3.6 V
≤ VIN ≤ 5.1 V; TPS62405-Q1
2.06
2.2
2.49
fixed output voltage version(1)
OUTPUT
tStart up
Start-up time
Activation time to start switching(2)
170
μs
Time to ramp from 5% to 95% of
tRamp
VOUTx ramp-up time
750
μs
VOUTx
(1)
For VOUTx > 2 V, VIN min = VOUTx + 0.5 V
(2)
This time is valid if one converter turns from shutdown mode (EN2 = 0) to active mode (EN2 = 1) with the other converter already
enabled (for example, EN1 = 1). In case both converters are turned from shutdown mode (EN1 and EN2 = 0) to active mode (EN1
and/or EN2 = 1), a typical value of typ 80
μs for ramp up of internal circuits must be added. After tStart, the converter starts switching and
ramps VOUTx.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62400-Q1 TPS62402-Q1 TPS62404-Q1 TPS62405-Q1


Numéro de pièce similaire - TPS62404QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62404QDRCRQ1 TI1-TPS62404QDRCRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
More results

Description similaire - TPS62404QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com