Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62290IDRVRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62290IDRVRQ1
Description  1-A Step Down Converter in 2-mm2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62290IDRVRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62290IDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS62290IDRVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Zero-Pole
AMP.
Integrator
Error Amp
PFM Comp .
+1% Voltage positioning
PWM
Comp .
VREF
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
Current
Limit Comparator
VREF + 1%
FB
FB
MODE
SW
EN
VIN
Softstart
VOUT RAMP
CONTROL
Reference
0.6 V VREF
Limit
High Side
Limit
Low Side
Sawtooth
Generator
Int. Resistor
Network
FB
RI1
RI..N
Mode
GND
2.25 MHz
Oscillator
Thermal
Shutdown
Undervoltage
Lockout 1.8 V
Control
Stage
Copyright © 2016, Texas Instruments Incorporated
8
TPS62290-Q1, TPS62293-Q1
SLVSAI5B – SEPTEMBER 2010 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS62290-Q1 TPS62293-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS6229x-Q1 step-down converter operates with typically 2.25-MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. At light-load currents, the converter can automatically enter Power
Save Mode and operates then in PFM mode.
During PWM operation, the converter uses a unique fast-response voltage mode controller scheme with input
voltage feedforward to achieve good line and load regulation, allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the high-side MOSFET switch is
turned on. The current flows now from the input capacitor through the high-side MOSFET switch through the
inductor to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips
and the control logic turns off the switch. The current limit comparator also turns off the switch if the current limit
of the high-side MOSFET switch is exceeded. After a dead time preventing shoot-through current, the low-side
MOSFET rectifier is turned on, and the inductor current ramps down. The current flows now from the inductor to
the output capacitor and to the load. It returns to the inductor through the low-side MOSFET rectifier.
The next cycle is initiated by the clock signal again turning off the low-side MOSFET rectifier and turning on the
high-side MOSFET switch.
8.2 Functional Block Diagram


Numéro de pièce similaire - TPS62290IDRVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290IDRVRQ1 TI1-TPS62290IDRVRQ1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
More results

Description similaire - TPS62290IDRVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com