Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS6229x-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS6229x-Q1
Description  1-A Step Down Converter in 2-mm2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6229x-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS6229x-Q1 Datasheet HTML 5Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 6Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 7Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 8Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 9Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 10Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 11Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 12Page - Texas Instruments TPS6229x-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Outputvoltage
Vout (PWM)
Vout +1%
PFMComparator
threshold
VoltagePositioning
Lightload
PFMMode
moderatetoheavyload
PWMMode
9
TPS62290-Q1, TPS62293-Q1
www.ti.com
SLVSAI5B – SEPTEMBER 2010 – REVISED JUNE 2016
Product Folder Links: TPS62290-Q1 TPS62293-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Power Save Mode
The Power Save Mode is enabled with MODE Pin set to low level. If the load current decreases, the converter
enters Power Save Mode operation automatically. During Power Save Mode, the converter skips switching and
operates with reduced frequency in PFM mode with a minimum quiescent current to maintain high efficiency. The
converter positions the output voltage typically +1% above the nominal output voltage. This voltage positioning
feature minimizes voltage drops caused by a sudden load step.
The transition from PWM mode to PFM mode occurs once the inductor current in the low-side MOSFET switch
becomes zero, which indicates discontinuous conduction mode.
During the Power Save Mode the output voltage is monitored with a PFM comparator. As the output voltage falls
below the PFM comparator threshold of VOUT nominal +1%, the device starts a PFM current pulse. For this the
high-side MOSFET switch turns on and the inductor current ramps up. After the ON-time expires, the switch is
turned off, and the low-side MOSFET switch is turned on until the inductor current becomes zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the delivered
current, the output voltage rises. If the output voltage is equal or higher than the PFM comparator threshold, the
device stops switching and enters a sleep mode with typical 15-µA current consumption.
If the output voltage is still below the PFM comparator threshold, a sequence of further PFM current pulses are
generated until the PFM comparator threshold is reached. The converter starts switching again once the output
voltage drops below the PFM comparator threshold.
With a fast single-threshold comparator, the output voltage ripple during PFM mode operation can be kept small.
The PFM Pulse is time controlled, which allows modification of the charge transferred to the output capacitor by
the value of the inductor. The resulting PFM output voltage ripple and PFM frequency depend in first order on the
size of the output capacitor and the inductor value. Increasing output capacitor values and inductor values
minimizes the output ripple. The PFM frequency decreases with smaller inductor values and increases with
larger values.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in PFM
mode. The Power Save Mode can be disabled through the MODE pin set to high. The converter then operates in
fixed frequency PWM mode.
8.3.1.1 Dynamic Voltage Positioning
This feature reduces the voltage undershoots and overshoots at load steps from light to heavy load and vice
versa. It is active in Power Save Mode and regulates the output voltage 1% higher than the nominal value. This
provides more headroom for both the voltage drop at a load step, and the voltage increase at a load throw-off.
Figure 6. Power Save Mode Operation
8.3.1.2 100% Duty Cycle Low Dropout Operation
The device starts to enter 100% duty cycle Mode once the input voltage comes close the nominal output voltage.
To maintain the output voltage, the high-side MOSFET switch is turned on 100% for one or more cycles.


Numéro de pièce similaire - TPS6229x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS6229X TI1-TPS6229X Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Description similaire - TPS6229x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com