Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS622319 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS622319
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS622319 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS622319 Datasheet HTML 4Page - Texas Instruments TPS622319 Datasheet HTML 5Page - Texas Instruments TPS622319 Datasheet HTML 6Page - Texas Instruments TPS622319 Datasheet HTML 7Page - Texas Instruments TPS622319 Datasheet HTML 8Page - Texas Instruments TPS622319 Datasheet HTML 9Page - Texas Instruments TPS622319 Datasheet HTML 10Page - Texas Instruments TPS622319 Datasheet HTML 11Page - Texas Instruments TPS622319 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PMOS
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
NMOS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2
2.5
3
3.5
4
4.5
5
5.5
6
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
V
-InputVoltage-V
IN
10
15
20
25
30
35
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
8
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Quiescent Current IQ vs Ambient Temperature TA
Figure 2. Shutdown Current ISD vs Ambient Temperature TA
Figure 3. PMOS RDSON vs Supply Voltage VIN and Ambient
Temperature TA
Figure 4. NMOS RDSON vs Supply Voltage VIN and Ambient
Temperature TA


Numéro de pièce similaire - TPS622319

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62231 TI-TPS62231 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231 TI-TPS62231 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231 TI-TPS62231 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231 TI-TPS62231 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62231 TI-TPS62231 Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
More results

Description similaire - TPS622319

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com