Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62180 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS62180
Description  4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62180 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62180_16 Datasheet HTML 1Page - Texas Instruments TPS62180_16 Datasheet HTML 2Page - Texas Instruments TPS62180_16 Datasheet HTML 3Page - Texas Instruments TPS62180_16 Datasheet HTML 4Page - Texas Instruments TPS62180_16 Datasheet HTML 5Page - Texas Instruments TPS62180_16 Datasheet HTML 6Page - Texas Instruments TPS62180_16 Datasheet HTML 7Page - Texas Instruments TPS62180_16 Datasheet HTML 8Page - Texas Instruments TPS62180_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPS62180, TPS62182
www.ti.com
SLVSBB8A – AUGUST 2014 – REVISED AUGUST 2014
8.5 Electrical Characteristics
Over operating junction temperature range (TJ = –40°C to +125°C) and VIN = 4 V to 15 V.
Typical values at VIN = 12 V and TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
4
15
V
EN = High, IOUT = 0 mA, Device not switching,
IQ
Operating quiescent current
28
55
µA
(TJ = –40°C to +85°C)
ISD
Shutdown current
EN = Low (
≤ 0.3 V), (TJ = –40°C to +85°C)
2.8
15
µA
VUVLO
Falling input voltage
3.5
3.6
3.7
V
Undervoltage lockout threshold (1)
Hysteresis
300
mV
TSD
Rising junction temperature
160
Thermal shutdown
°C
Hysteresis
20
CONTROL (EN, SS/TR, PG)
VH_EN
High-level input threshold voltage (EN)
0.97
1
1.03
V
VL_EN
Low-level input threshold voltage (EN)
0.87
0.9
0.93
V
ILKG_EN
Input leakage current (EN)
EN = VIN or GND
0.01
1.2
µA
ISS/TR
SS/TR pin source current
4.5
5
5.5
µA
Rising (%VOUT)
94%
96%
98%
VTH_PG
Power good threshold voltage
Falling (%VOUT)
90%
92%
94%
VOL_PG
Power good output low voltage
IPG= -2 mA
0.3
V
ILKG_PG
Input leakage current (PG)
1
100
nA
POWER SWITCH
Phase 1
High-side MOSFET ON-resistance
27
65
m
Ω
Phase 2
RDS(ON)
VIN = 7.5 V
Phase 1
Low-side MOSFET ON-resistance
21
45
m
Ω
Phase 2
ILIM
High-side MOSFET current limit
Each phase, VIN = 7.5 V
4.0
4.7
5.5
A
TPSD
Phase shift delay time
Phase 2 after Phase 1, PWM mode
250
ns
OUTPUT
VREF
Internal reference voltage
0.792
0.8
0.808
V
ILKG_FB
Input leakage current (FB)
VFB = 0.8 V
1
100
nA
RDISCHARGE Output discharge resistance
EN = Low
60
Ω
Output voltage range (TPS62180)
VIN ≥ VOUT
0.9
6
V
Output voltage (TPS62182)
3.3
V
PWM Mode, VIN ≥ VOUT + 1 V
–1%
1%
Power Save Mode, VOUT = 3.3 V, Iload ≥ 1 mA,
L = 1 µH, COUT = 2 x 47 µF, (TJ = –40°C to +85°C)
Feedback voltage accuracy
–1%
2%
Power Save Mode, VOUT = 1.8 V, Iload ≥ 1 mA,
(TPS62180)(2)
L = 1 µH, COUT = 4 x 47 µF, (TJ = –40°C to +85°C)
VOUT
Power Save Mode, VOUT = 0.9 V, Iload ≥ 1 mA,
–1%
3%
L = 1 µH, COUT = 4 x 47 µF, (TJ = –40°C to +85°C)
PWM Mode, VIN ≥ VOUT + 1 V
–1%
1%
Output voltage accuracy
Power Save Mode, Iload ≥ 1 mA, L = 1 µH,
(TPS62182)(2)
–1%
2%
COUT = 2 x 47 µF, (TJ = –40°C to +85°C)
Load regulation
VOUT = 3.3 V, PWM Mode operation
0.04
%/A
Line regulation
4 V
≤ VIN ≤ 15 V, VOUT = 3.3 V, IOUT = 4 A
0.01
%/V
Hiccup on time
0.9
tHICCUP
ms
Hiccup off time
5
(1)
The minimum VIN value of 4 V is not violated by UVLO threshold and hysteresis variations.
(2)
The accuracy in Power Save Mode can be improved by increasing the output capacitor value, reducing the output voltage ripple.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62180 TPS62182


Numéro de pièce similaire - TPS62180_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
More results

Description similaire - TPS62180_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com