Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQP6N40C Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQP6N40C
Description  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N40C Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQP6N40C Datasheet HTML 1Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 2Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 3Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 4Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 5Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 6Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 7Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 8Page - Fairchild Semiconductor FQP6N40C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, May 2003
QFETTM
FQP6N40C/FQPF6N40C
400V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
electronic lamp ballasts based on half bridge topology.
Features
6A, 400V, RDS(on) = 1.0 Ω @VGS = 10 V
• Low gate charge ( typical 16nC)
• Low Crss ( typical 15pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
FQP6N40C
FQPF6N40C
Units
VDSS
Drain-Source Voltage
400
V
ID
Drain Current
- Continuous (TC = 25°C)
66 *
A
- Continuous (TC = 100°C)
3.6
3.6 *
A
IDM
Drain Current
- Pulsed
(Note 1)
24
24 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
270
mJ
IAR
Avalanche Current
(Note 1)
6A
EAR
Repetitive Avalanche Energy
(Note 1)
7.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
73
38
W
- Derate above 25°C
0.58
0.3
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP6N40C
FQPF6N40C
Units
RθJC
Thermal Resistance, Junction-to-Case
1.71
3.31
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Numéro de pièce similaire - FQP6N40C

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQP6N40C ISC-FQP6N40C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 8P
   400V N-Channel MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_06 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

Description similaire - FQP6N40C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com