Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS7079ZN3 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS7079ZN3
Description  30 Volt P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7079ZN3 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS7079ZN3 Datasheet HTML 1Page - Fairchild Semiconductor FDS7079ZN3 Datasheet HTML 2Page - Fairchild Semiconductor FDS7079ZN3 Datasheet HTML 3Page - Fairchild Semiconductor FDS7079ZN3 Datasheet HTML 4Page - Fairchild Semiconductor FDS7079ZN3 Datasheet HTML 5Page - Fairchild Semiconductor FDS7079ZN3 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS7079ZN3 Rev C1 (W)
Typical Characteristics
0
2
4
6
8
10
0
10203040
50607080
Qg, GATE CHARGE (nC)
ID = -16A
VDS = -10V
-15V
-20V
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 85
oC/W
TA = 25
oC
10ms
1ms
10s
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 85°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 85
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDS7079ZN3

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FDS7000 FS-FDS7000 Datasheet
153Kb / 3P
   Dual Switching Diode
logo
Fairchild Semiconductor
FDS7060N7 FAIRCHILD-FDS7060N7 Datasheet
213Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDS7064A FAIRCHILD-FDS7064A Datasheet
79Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDS7064N FAIRCHILD-FDS7064N Datasheet
171Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Description similaire - FDS7079ZN3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com