Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1585AMX Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN1585AMX
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AMX Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN1585AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 9Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 10Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 11Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
FAN1585A
REV. 1.1.5 11/7/03
11
Mechanical Dimensions (continued)
3-Lead TO-220 Package
A
.140
.190
3.56
4.83
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.015
.040
.38
1.02
.070
1.78
b1
.045
1.14
c1
.014
.022
.36
.56
øP
.139
.161
3.53
4.09
D
.560
.650
14.22
16.51
.380
.420
9.65
10.67
.090
.110
2.29
2.79
E
e
e1
.190
.210
4.83
5.33
.045
1.14
.020
.055
.51
1.40
α
e3
F
H1
.230
.270
5.94
6.87
.060
.115
2.04
2.92
.500
.580
12.70
14.73
J1
L
6.35 BSC
.250 BSC
L1
.100
.135
2.54
3.43
3
°
7
°
3
°
7
°
Q
b1
b
e3
L1
L
H1
Q
E
e
e1
E-PIN
øP
c1
J1
D
F
A
(5X)
α
Notes:
1. Dimension c1 apply for lead finish.


Numéro de pièce similaire - FAN1585AMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585AMX FAIRCHILD-FAN1585AMX Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1585AMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com