Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60130PWPG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60130PWPG4
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60130PWPG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS60130PWPG4 Datasheet HTML 5Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 6Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 7Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 8Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 9Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 10Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 11Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 12Page - Texas Instruments TPS60130PWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CI = 15 µF, C1F = C2F = 2.2 µF, CO = 33 µF, TC = −40°C to 85°C, VI = 3 V,
V(FB) = VO and V(ENABLE) = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
2.7
5.4
V
V(UVLO)
Input undervoltage lockout threshold
TC = 25°C
1.6
1.8
V
IO(MAX)
Maximum output
TPS60130/TPS60131
300
mA
IO(MAX)
Maximum output
current
TPS60132/TPS60133
150
mA
2.7 V < VI < 3 V,
0 < IO < IO(MAX)/2,
TC = 0°C to 70°C
4.8
5.2
V
VO
Output voltage
3 V < VI < 5 V,
0 < IO < IO(MAX)
4.8
5.2
V
5 V < VI < 5.4 V,
0 < IO < IO(MAX)
4.8
5.25
V
Ilkg(OUT)
Output leakage current
VI = 3.6 V, V(ENABLE) = 0 V
1
µA
IQ
Quiescent current (no-load input current)
VI = 3.6 V
60
100
µA
IQ(SDN)
Shutdown supply current
VI = 3.6 V, V(ENABLE) = 0 V
0.05
1
µA
fOSC(INT)
Internal switching frequency
210
320
450
kHz
VIL
Enable input voltage low
VI = 2.7 V
0.3 x VI
V
VIH
Enable input voltage high
VI = 5.4 V
0.7 x VI
V
Ilkg(ENABLE) Enable input leakage current
V(ENABLE) = VGND or VI
0.01
0.1
µA
Output load regulation
VI = 3.8 V, 1 mA < IO(max)
TC = 25°C
0.002%
mA
Output line regulation
3 V < VI < 5 V, IO = 150 mA,
TC = 25°C
0.2
%/V
Short circuit current limit
VI = 3.6 V, VO = 0 V, TC = 25°C
115
mA
V(LBITRIP)
LBI trip voltage
TPS60130/TPS60132
VI = 2.7 V to 3.3 V,
Hysteresis 0.8% for rising LBI,
TC = 0°C to 70°C
1.15
1.21
1.27
V
II(LBI)
LBI input current
TPS60130/TPS60132
V(LBI) = 1.3 V
100
nA
VO(LBO)
LBO output voltage
low (see Note 2)
TPS60130/TPS60132
V(LBI) = 0 V, I(LBO)(SINK) = 1 mA
0.4
V
Ilkg(LBO)
LBO leakage
current
TPS60130/TPS60132
V(LBI) = 1.3 V, V(LBO) = 5 V
0.01
0.1
µA
V(PGTRIP)
Power-good trip
voltage
TPS60131/TPS60133
TC = 0°C to 70°C
0.86
×
VO
0.9
×
VO
0.94
×
VO
V
Vhys(PG)
Power−good trip
voltage hysteresis
TPS60131/TPS60133
VO ramping negative,
TC = 0°C to 70°C
0.8%
VO(PG)
Power-good output
voltage low
(see Note 2)
TPS60131/TPS60133
VO = 0 V, I(PG)(SINK) = 1 mA
0.4
V
Ilkg(PG)
Power-good
leakage current
TPS60131/TPS60133
VO = 5 V, V(PG) = 5 V
0.01
0.1
µA
NOTE 2: During start-up the LBO and PG output signal is invalid for the first 500
µs.


Numéro de pièce similaire - TPS60130PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60130PWP TI-TPS60130PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Description similaire - TPS60130PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com