Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS57160QDGQRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS57160QDGQRQ1
Description  1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57160QDGQRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS57160QDGQRQ1 Datasheet HTML 1Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 2Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 3Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 4Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 5Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
TPS57160-Q1
www.ti.com
SLVSAP1E – DECEMBER 2010 – REVISED MARCH 2015
7.4 Thermal Information
DGQ (MSOP-
DRC (VSON)
PowerPAD)
THERMAL METRIC(1)(2)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance (standard board)
67.4
45.2
RθJA
Junction-to-ambient thermal resistance (custom board)(3)
61.5
RθJC(top)
Junction-to-case (top) thermal resistance
46.7
52.1
RθJB
Junction-to-board thermal resistance
38.4
20.6
°C/W
ψJT
Junction-to-top characterization parameter
1.9
0.9
ψJB
Junction-to-board characterization parameter
38.1
20.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
15.9
5.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. See power dissipation estimate in application section of this data sheet for more information.
(3)
Test boards conditions:
(a) 3 inches x 3 inches, 2 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground plane, bottom layer
(d) 6 thermal vias (13mil) located under the device package
7.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN = 3.5 V to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
60
V
Internal undervoltage lockout
No voltage hysteresis, rising and falling
2.5
V
threshold
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 60 V
1.5
4
Shutdown supply current
EN = 0 V, 125°C, 3.5 V
≤ VIN ≤ 60 V
1.9
6.5
μA
Operating nonswitching supply
VSENSE = 0.83 V, VIN = 12 V, TJ = 25°C
116
136
current
ENABLE AND UVLO (EN PIN)
No voltage hysteresis, rising and falling,
Enable threshold voltage
1.15
1.25
1.36
V
TJ = 25°C
Enable threshold +50 mV
–3.8
Input current
μA
Enable threshold –50 mV
–0.9
Hysteresis current
–2.9
μA
VOLTAGE REFERENCE
Voltage reference
0.792
0.8
0.808
V
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM) –2 μA < ICOMP < 2 μA, VCOMP = 1 V
97
μMhos
–2
μA < ICOMP < 2 μA, VCOMP = 1 V,
Error amplifier transconductance (gM)
26
μMhos
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100-mV overdrive
±7
μA
COMP to switch current
6
A/V
transconductance
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS57160-Q1


Numéro de pièce similaire - TPS57160QDGQRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57160QDGQRQ1 TI1-TPS57160QDGQRQ1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results

Description similaire - TPS57160QDGQRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54160 TI-TPS54160_15 Datasheet
2Mb / 57P
[Old version datasheet]   TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com