Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS56100PWP Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS56100PWP
Description  HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56100PWP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS56100PWP Datasheet HTML 4Page - Texas Instruments TPS56100PWP Datasheet HTML 5Page - Texas Instruments TPS56100PWP Datasheet HTML 6Page - Texas Instruments TPS56100PWP Datasheet HTML 7Page - Texas Instruments TPS56100PWP Datasheet HTML 8Page - Texas Instruments TPS56100PWP Datasheet HTML 9Page - Texas Instruments TPS56100PWP Datasheet HTML 10Page - Texas Instruments TPS56100PWP Datasheet HTML 11Page - Texas Instruments TPS56100PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TPS56100
HIGHEFFICIENCY DSP POWER SUPPLY CONTROLLER
FOR 5V INPUT SYSTEMS
SLVS201A − JUNE 1999 − REVISED JULY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Voltage Programming Codes (Continued)
VP TERMINALS
(0 = GND, 1 = floating or pull-up to 5 V)
VREF
VP4
VP3
VP2
VP1
VP0
(Vdc)
1
1
0
0
0
2.60
1
0
1
1
1
2.60
1
0
1
1
0
2.60
1
0
1
0
1
2.60
1
0
1
0
0
2.60
1
0
0
1
1
2.60
1
0
0
1
0
2.60
1
0
0
0
1
2.60
1
0
0
0
0
2.60
absolute maximum ratings over operating virtual junction temperature (unless otherwise noted)
Supply voltage range, VCC (see Note1), BIAS, DRV
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: BOOT to DRVGND (High-side Driver ON)
−0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . .
BOOT to HIGHDRV
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOT to BOOTLO
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
INHIBIT, VPx, LODRV
−0.3 V to 7.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PWRGD, OCP
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LOHIB, LOSENSE, IOUTLO, HISENSE
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
VSENSE
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage difference between ANAGND and DRVGND
±0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, VREFB
0.5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
0
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Unless otherwise specified, all voltages are with respect to ANAGND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PWP
1150 mW
11.5 mW/
°C
630 mW
460 mW


Numéro de pièce similaire - TPS56100PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56100PWP TI-TPS56100PWP Datasheet
370Kb / 27P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results

Description similaire - TPS56100PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com