Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55383PWPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55383PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55383PWPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS55383PWPR Datasheet HTML 1Page - Texas Instruments TPS55383PWPR Datasheet HTML 2Page - Texas Instruments TPS55383PWPR Datasheet HTML 3Page - Texas Instruments TPS55383PWPR Datasheet HTML 4Page - Texas Instruments TPS55383PWPR Datasheet HTML 5Page - Texas Instruments TPS55383PWPR Datasheet HTML 6Page - Texas Instruments TPS55383PWPR Datasheet HTML 7Page - Texas Instruments TPS55383PWPR Datasheet HTML 8Page - Texas Instruments TPS55383PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
–40°C
≤ TJ ≤ +125°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERCURRENT PROTECTION
ICL1
Current limit Channel 1
3.6
4.5
5.6
VILIM2 = VBP
3.6
4.5
5.6
A
ICL2
Current limit Channel 2
VILIM2 = (floating)
2.4
3.0
3.6
VILIM2 = GND
1.15
1.50
1.75
VUV1
Low-level output threshold to declare a fault
Measured at feedback pin.
670
730
mV
VUV2
THICCUP
(3)
Hiccup timeout
10
ms
tON1(oc)
(3)
Minimum overcurrent pulse width
90
150
ns
tON2(oc)
(3)
BOOTSTRAP
RBOOT1,
From BP to BOOT1 or BP to BOOT2,
Bootstrap switch resistance
18
RBOOT2
IEXT = 50 mA
OUTPUT STAGE (Channel 1 and Channel 2)
TJ = +25°C, VPVDD2 = 8 V
85
RDS(on)
(3)
MOSFET on resistance plus bond wire resistance
m
–40°C < TJ < +125°C, VPVDD2 = 8 V
85
165
tON(min)
(3)
Minimum controllable pulse width
ISWx peak current > 1 A
(4)
100
200
ns
DMIN
Minimum Duty Cycle
VFB = 0.9 V
0
%
TPS55383 fSW = 300 kHz
90
95
%
DMAX
Maximum Duty Cycle
TPS55386 fSW = 600 kHz
85
90
%
ISW
Switching node leakage current (sourcing)
Outputs OFF
2
12
µA
THERMAL SHUTDOWN
TSD
(3)
Shutdown temperature
148
°C
TSD(hys)
(3)
Hysteresis
20
(3)
Ensured by design. Not production tested.
(4)
See Figure 14 for ISWx peak current <1 A.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS55383 TPS55386


Numéro de pièce similaire - TPS55383PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55383PWPR TI-TPS55383PWPR Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
More results

Description similaire - TPS55383PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI1-TPS54283_17 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com