Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55340-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55340-Q1
Description  Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55340-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS55340-Q1 Datasheet HTML 1Page - Texas Instruments TPS55340-Q1 Datasheet HTML 2Page - Texas Instruments TPS55340-Q1 Datasheet HTML 3Page - Texas Instruments TPS55340-Q1 Datasheet HTML 4Page - Texas Instruments TPS55340-Q1 Datasheet HTML 5Page - Texas Instruments TPS55340-Q1 Datasheet HTML 6Page - Texas Instruments TPS55340-Q1 Datasheet HTML 7Page - Texas Instruments TPS55340-Q1 Datasheet HTML 8Page - Texas Instruments TPS55340-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS55340-Q1
www.ti.com
SLVSBV5A – JUNE 2014 – REVISED JULY 2016
Product Folder Links: TPS55340-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
VI = 5 V, TJ = –40°C to 150°C, unless otherwise noted. Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.9
38
V
IQ
Operating quiescent current into VIN
Device non-switching, V(FB) = 2 V
0.5
mA
IL(sd)
Shutdown current
EN = GND
2.7
10
µA
V(UVLO)
Under-voltage lockout threshold
VI(f)
2.5
2.7
V
Vhys
Under-voltage lockout hysteresis
120
140
160
mV
ENABLE AND REFERENCE CONTROL
V(EN)(r)
EN threshold voltage
EN rising input
0.9
1.08
1.3
V
V(EN)(f)
EN threshold voltage
EN falling input
0.74
0.92
1.125
V
V(EN)(hys)
EN threshold hysteresis
0.16
V
R(EN)
EN pull down resistor
400
950
1600
k
toff
Shutdown delay, SS discharge
EN high to low
1
ms
V(SYNC)H
SYN logic high voltage
1.2
V(SYNC)L
SYN logic low voltage
0.4
V
VOLTAGE AND CURRENT CONTROL
Vref
Voltage feedback regulation voltage
1.204
1.229
1.254
V
TA = 25°C
1.22
1.229
1.238
IIB(FB)
Voltage feedback input bias current
TA = 25°C
1.6
20
nA
I(COMP_sink)
COMP-pin sink current
V(FB) = Vref + 200 mV, V(COMP) = 1 V
42
µA
IS(COMP)
COMP-pin source current
V(FB) = Vref – 200 mV, V(COMP) = 1 V
42
µA
VC(COMP)
COMP pin Clamp Voltage
High Clamp, V(FB) = 1 V
3.1
V
Low Clamp, V(FB) = 1.5 V
0.75
V(COMP_th)
COMP pin threshold
Duty cycle = 0%
1.04
V
gm(ea)
Error amplifier transconductance
240
360
440
µmho
RO(ea)
Error amplifier output resistance
10
ƒ(ea)
Error amplifier crossover frequency
500
kHz
FREQUENCY
ƒ
Frequency
R(FREQ) = 480 kΩ
75
94
130
kHz
R(FREQ) = 80 kΩ
460
577
740
R(FREQ) = 40 kΩ
920
1140
1480
R(FREQ) = 18 kΩ
2261
2549
2837
Dmax
Maximum duty cycle
V(FB) = 1 V, R(FREQ) = 80 kΩ
89%
96%
V(FREQ)
FREQ pin voltage
1.25
V
tW(on)min
Minimum on pulse width
R(FREQ) = 80 kΩ
77
107
ns
POWER SWITCH
rDS(on)
N-channel MOSFET on-resistance
VI = 5 V
60
110
VI = 3 V
70
120
ILN_NFET
N-channel leakage current
VDS = 25 V, TA = 25°C
2.1
µA
OCP AND SS
ILIM
N-Channel MOSFET current limit
D = Dmax
5.25
6.6
7.75
A
IB(SS)
Soft-start bias current
V(SS) = 0 V
6
µA
THERMAL SHUTDOWN
Tsd
Thermal shutdown threshold
165
°C
Thys
Thermal shutdown threshold hysteresis
15
°C


Numéro de pièce similaire - TPS55340-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340-Q1 TI-TPS55340-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
More results

Description similaire - TPS55340-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com