Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS549D22RVFT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS549D22RVFT
Description  1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS549D22RVFT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS549D22RVFT Datasheet HTML 5Page - Texas Instruments TPS549D22RVFT Datasheet HTML 6Page - Texas Instruments TPS549D22RVFT Datasheet HTML 7Page - Texas Instruments TPS549D22RVFT Datasheet HTML 8Page - Texas Instruments TPS549D22RVFT Datasheet HTML 9Page - Texas Instruments TPS549D22RVFT Datasheet HTML 10Page - Texas Instruments TPS549D22RVFT Datasheet HTML 11Page - Texas Instruments TPS549D22RVFT Datasheet HTML 12Page - Texas Instruments TPS549D22RVFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Load Current (A)
0
3
6
9
12
15
18
21
24
27
30
60
65
70
75
80
85
90
95
100
D001
VIN = 8 V
VIN = 12 V
VIN = 16 V
Load Current (A)
0
3
6
9
12
15
18
21
24
27
30
60
65
70
75
80
85
90
95
100
D001
VIN = 8 V
VIN = 12 V
VIN = 16 V
Load Current (A)
0
4
8
12
16
20
24
28
32
36
40
60
65
70
75
80
85
90
95
100
D001
VIN = 1.5 V
VIN = 12 V
VIN = 16 V
Load Current (A)
0
4
8
12
16
20
24
28
32
36
40
60
65
70
75
80
85
90
95
100
D001
VIN = 1.5 V
VIN = 12 V
VIN = 16 V
9
TPS549D22
www.ti.com
SLUSCI9 – AUGUST 2016
Product Folder Links: TPS549D22
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
VOUT = 1 V
SKIP Mode
fSW = 650 kHz
VDD = 5 V
Figure 1. Efficiency vs. Output Current
VOUT = 1 V
FCCM
fSW = 650 kHz
VDD = 5 V
Figure 2. Efficiency vs. Output Current
VOUT = 5.5 V
SKIP Mode
fSW = 425 kHz
VDD = 5 V
Figure 3. Efficiency vs. Output Current
VOUT = 5.5 V
FCCM
fSW = 425 kHz
VDD = 5 V
Figure 4. Efficiency vs. Output Current
VIN = 12 V
fSW = 650 kHz
IOUT = 40 A
VOUT = 1 V
Natural convection
Figure 5. Thermal Image
VIN = 12 V
fSW = 650 kHz
IOUT = 40 A
VOUT = 1 V
Airflow = 200 LFM
Figure 6. Thermal Image


Numéro de pièce similaire - TPS549D22RVFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Description similaire - TPS549D22RVFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com