Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS542941PWP Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS542941PWP
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS542941PWP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS542941PWP Datasheet HTML 2Page - Texas Instruments TPS542941PWP Datasheet HTML 3Page - Texas Instruments TPS542941PWP Datasheet HTML 4Page - Texas Instruments TPS542941PWP Datasheet HTML 5Page - Texas Instruments TPS542941PWP Datasheet HTML 6Page - Texas Instruments TPS542941PWP Datasheet HTML 7Page - Texas Instruments TPS542941PWP Datasheet HTML 8Page - Texas Instruments TPS542941PWP Datasheet HTML 9Page - Texas Instruments TPS542941PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SW1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
VO1
VBST2
EN2
SW2
VO2
VIN1
VIN2
5VREG
EN
Logic
EN Logic
Ref1
Ref 2
SS2
SS1
UV2
UV1
UV2
UVLO
UVLO
Fixed
SoftStart
REF
TSD
Ref1
Ref2
- 32
SS1
SS2
PGND1
PGND2
- 16%
+16%
PG1
- 16%
+16%
PG2
CH1 Min-off timer
CH2 Min-off timer
VIN1
VIN1
VIN2
PGND2
PGND2
SW2
Ref_OCL
OCP2
ZC2
SW2
PGND1
SW1
Ref_OCL
OCP1
ZC1
SW1
Control logic
1.0 µF
Control logic
0.1 µF
PG
Comp
Err
Comp
Protection
Logic
0.1 µF
Err
Comp
PG
Comp
UV1
- 32
TPS542941
SLVSBI3B – JULY 2012 – REVISED OCTOBER 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS542941


Numéro de pièce similaire - TPS542941PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS542941PWP TI1-TPS542941PWP Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWPR TI1-TPS542941PWPR Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Description similaire - TPS542941PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com