Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54362-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54362-Q1
Description  TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54362-Q1 Datasheet HTML 5Page - Texas Instruments TPS54362-Q1 Datasheet HTML 6Page - Texas Instruments TPS54362-Q1 Datasheet HTML 7Page - Texas Instruments TPS54362-Q1 Datasheet HTML 8Page - Texas Instruments TPS54362-Q1 Datasheet HTML 9Page - Texas Instruments TPS54362-Q1 Datasheet HTML 10Page - Texas Instruments TPS54362-Q1 Datasheet HTML 11Page - Texas Instruments TPS54362-Q1 Datasheet HTML 12Page - Texas Instruments TPS54362-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
1
2
3
4
5
6
Output Voltage (V)
0
536 mA
200 mA
1.4 A
3 A
3
3.5
4
4.5
5
5.5
2
3
4
5
6
Output Voltage (V)
2.5
7
10 mA
No Load
50 mA
100 mA
Load Current (A)
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Rslew = 5 kW
Rslew = 35 kW
Load Current (A)
60
65
70
75
80
85
95
90
0
0.5
1
1.5
2
2.5
3
V
= 6 V
(VIN)
V
= 20 V
(VIN)
TPS54362-Q1
www.ti.com
SLVS845G – MARCH 2009 – REVISED AUGUST 2014
6.8 Typical Characteristics
6.8.1 Efficiency Data of Power Supply
V(VIN) = 12 V
V(VReg) = 5 V
f(SW) = 500 kHz
V(VReg) = 5 V
f(SW) = 500 kHz
L = 22 µH
L = 22 µH
C4 (output) = 100 µF
TA = 25ºC
C4 (output) = 100 µF
Rslew = 5 k
Ω
TA = 25ºC
Figure 1. FET Switching (Slow Slew Rate)
Figure 2. Fast Slew Rate on Switching FET
6.8.2 Output Voltage Dropout
V(VReg) = 5 V
f(SW) = 500 kHz
V(VReg) = 5 V
f(SW) = 500 kHz
Figure 4. Load Current < 100 mA
Figure 3. Load Current > 100 mA
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54362-Q1


Numéro de pièce similaire - TPS54362-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
More results

Description similaire - TPS54362-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
TPS54262-Q1 TI-TPS54262-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TPS54262-Q1 Automotive 2-A 60-V Step-Down DC-DC Converter With Low I(q) and
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
   3 A, DC/DC Step-Down Converter
logo
Texas Instruments
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com