Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54357PWPR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54357PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54357PWPR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS54357PWPR Datasheet HTML 3Page - Texas Instruments TPS54357PWPR Datasheet HTML 4Page - Texas Instruments TPS54357PWPR Datasheet HTML 5Page - Texas Instruments TPS54357PWPR Datasheet HTML 6Page - Texas Instruments TPS54357PWPR Datasheet HTML 7Page - Texas Instruments TPS54357PWPR Datasheet HTML 8Page - Texas Instruments TPS54357PWPR Datasheet HTML 9Page - Texas Instruments TPS54357PWPR Datasheet HTML 10Page - Texas Instruments TPS54357PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
7
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
VIN
UVLO
PWRGD
RT
SYNC
ENA
COMP
BOOT
PH
PH
LSG
VBIAS
PGND
AGND
VSENSE
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
NOTE: If there is not a Pin 1 indicator, turn device to enable
reading the symbol from left to right. Pin 1 is at the lower
left corner of the device.
Terminal Functions
TERMINAL
DESCRIPTION
NO.
NAME
DESCRIPTION
1, 2
VIN
Input supply voltage, 4.5 V to 20 V. Must bypass with a low ESR 10-
µF ceramic capacitor. Place cap as close to device as
possible; see Figure 23 for an example.
3
UVLO
Undervoltage lockout pin. Connecting an external resistive voltage divider from VIN to the pin will override the internal
default VIN start and stop thresholds.
4
PWRGD
Power good output. Open drain output. A low on the pin indicates that the output is less than the desired output voltage.
There is an internal rising edge filter on the output of the PWRGD comparator.
5
RT
Frequency setting pin. Connect a resistor from RT to AGND to set the switching frequency. Connecting the RT pin to
ground or floating will set the frequency to an internally preselected frequency.
6
SYNC
Bidirectional synchronization I/O pin. SYNC pin is an output when the RT pin is floating or connected low. The output is a
falling edge signal out of phase with the rising edge of PH. SYNC may be used as an input to synchronize to a system clock
by connecting to a falling edge signal when an RT resistor is used. See 180
° Out of Phase Synchronization operation in the
Application Information section. In ALL cases, a 10 k
Ω resistor Must be tied to the SYNC pin in parallel with ground. For
information on how to extend slow start, see the Enable (ENA) and Internal Slow Start section on page 9.
7
ENA
Enable. Below 0.5 V, the device stops switching. Float pin to enable.
8
COMP
Error amplifier output. Do NOT connect ANYTHING to this pin.
9
VSENSE
Feedback pin
10
AGND
Analog ground—internally connected to the sensitive analog ground circuitry. Connect to PGND and PowerPAD.
11
PGND
Power ground—Noisy internal ground—Return currents from the LSG driver output return through the PGND pin. Connect
to AGND and PowerPAD.
12
VBIAS
Internal 8.0-V bias voltage. A 1.0-
µF ceramic bypass capacitance is required on the VBIAS pin.
13
LSG
Gate drive for optional low side MOSFET. Connect gate of n-channel MOSFET for a higher efficiency synchronous buck
converter configuration. Otherwise, leave open and connect schottky diode from ground to PH pins.
14, 15
PH
Phase node—Connect to external L−C filter.
16
BOOT
Bootstrap capacitor for high side gate driver. Connect a 0.1-
µF ceramic capacitor from BOOT to PH pins.
PowerPAD
PGND and AGND pins must be connected to the exposed pad for proper operation. See Figure 23 for an example PCB
layout.


Numéro de pièce similaire - TPS54357PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54357PWP TI-TPS54357PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results

Description similaire - TPS54357PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com