Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54362HPWP Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54362HPWP
Description  1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362HPWP Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54362HPWP Datasheet HTML 5Page - Texas Instruments TPS54362HPWP Datasheet HTML 6Page - Texas Instruments TPS54362HPWP Datasheet HTML 7Page - Texas Instruments TPS54362HPWP Datasheet HTML 8Page - Texas Instruments TPS54362HPWP Datasheet HTML 9Page - Texas Instruments TPS54362HPWP Datasheet HTML 10Page - Texas Instruments TPS54362HPWP Datasheet HTML 11Page - Texas Instruments TPS54362HPWP Datasheet HTML 12Page - Texas Instruments TPS54362HPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Internal
supply
-
+
Bandgap
ref
Internal
Voltage
Selectable
Oscillator
+
-
+
-
Reset with
Delay Timer
VIN
EN
Cdly
GND
RST
OV _ TH
COMP
VSENSE
PH
Vreg
Vsupply
Thermal
Sensor
Error
amp
ref
SS
SYNC
LPM
Vreg
VIN
BOOT
Rslew
RT
VReg
R1
R2
R3
R4
R5
R6
R7
R8
R12
C1
C2
C3
C4
L
D 1
D2
C6
C7
R9
C8
R11
R10
RST_ TH
C5
C9
C10
+
-
Voltage
comp
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
20
19
18
0.8 V ref
0.2 V ref
Gate Drive with
Over-Current Limit
for Internal Switch
0.8 V ref
0.8 V ref
0.82 V ref
0.8 V ref
Rail
TPS54362-HT
www.ti.com
SLVSBI9 – SEPTEMBER 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links : TPS54362-HT


Numéro de pièce similaire - TPS54362HPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362 TI1-TPS54362 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
More results

Description similaire - TPS54362HPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Sanken electric
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
   3 A, DC/DC Step-Down Converter
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com