Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54354PWP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54354PWP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54354PWP Fiches technique(HTML) 1 Page - Texas Instruments

  TPS54354PWP Datasheet HTML 1Page - Texas Instruments TPS54354PWP Datasheet HTML 2Page - Texas Instruments TPS54354PWP Datasheet HTML 3Page - Texas Instruments TPS54354PWP Datasheet HTML 4Page - Texas Instruments TPS54354PWP Datasheet HTML 5Page - Texas Instruments TPS54354PWP Datasheet HTML 6Page - Texas Instruments TPS54354PWP Datasheet HTML 7Page - Texas Instruments TPS54354PWP Datasheet HTML 8Page - Texas Instruments TPS54354PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
4.5V TO 20V INPUT, 3A OUTPUT SYNCHRONOUS PWM
SWITCHER WITH INTEGRATED FET (SWIFT)
6,4 mm y 5,0 mm
FEATURES
D 100 mΩ, 4.5-A Peak MOSFET Switch for High
Efficiency at 3-A Continuous Output Current
D Uses External Lowside MOSFET or Diode
D Fixed Output Versions −
1.2V/1.5V/1.8V/2.5V/3.3V/5.0V
D Internally Compensated for Low Parts Count
D Synchronizes to External Clock
D 1805 Out of Phase Synchronization
D Wide PWM Frequency − Fixed 250 kHz,
500 kHz or Adjustable 250 kHz to 700 kHz
D Internal Slow Start
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Adjustable Undervoltage Lockout
D 16-Pin TSSOP PowerPADE Package
APPLICATIONS
D Industrial & Commercial Low Power Systems
D LCD Monitors and TVs
D Computer Peripherals
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
PH
VIN
PGND
BOOT
VSENSE
PWRPAD
BIAS
ENA
PWRGD
Input
Voltage
Output
Voltage
LSG
TPS54356
SYNC
SIMPLIFIED SCHEMATIC
DESCRIPTION
The TPS5435x is a medium output current synchronous
buck PWM converter with an integrated high side
MOSFET and a gate driver for an optional low side
external MOSFET. Features include a high performance
voltage
error
amplifier
that
enables
maximum
performance under transient conditions. The TPS5435x
has an under-voltage-lockout circuit to prevent start-up
until the input voltage reaches a preset value; an internal
slow-start circuit to limit in-rush currents; and a power good
output
to
indicate
valid
output
conditions.
The
synchronization feature is configurable as either an input
or an output for easy 180
° out of phase synchronization.
The TPS5435x devices are available in a thermally
enhanced 16-pin TSSOP (PWP) PowerPAD
 package.
TI provides evaluation modules and the SWIFT
 Designer
software tool to aid in quickly achieving high-performance
power supply designs to meet aggressive equipment
development cycles.
50
55
60
65
70
75
80
85
90
95
100
01
234
VI= 12 V
VO= 3.3 V
fs = 500 kHz
VI = 12 V
VI = 6 V
IO − Output Current − A
EFFICIENCY
vs
OUTPUT CURRENT
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
PowerPAD and SWIFT are trademarks of Texas Instruments.


Numéro de pièce similaire - TPS54354PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54354PWP TI-TPS54354PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54354PWP TI-TPS54354PWP Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54354PWPG4 TI-TPS54354PWPG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54354PWPR TI-TPS54354PWPR Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54354PWPRG4 TI-TPS54354PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
More results

Description similaire - TPS54354PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com