Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54331DDA Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54331DDA
Description  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331DDA Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54331DDA Datasheet HTML 5Page - Texas Instruments TPS54331DDA Datasheet HTML 6Page - Texas Instruments TPS54331DDA Datasheet HTML 7Page - Texas Instruments TPS54331DDA Datasheet HTML 8Page - Texas Instruments TPS54331DDA Datasheet HTML 9Page - Texas Instruments TPS54331DDA Datasheet HTML 10Page - Texas Instruments TPS54331DDA Datasheet HTML 11Page - Texas Instruments TPS54331DDA Datasheet HTML 12Page - Texas Instruments TPS54331DDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TPS54331
www.ti.com
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
8 Detailed Description
8.1 Overview
The TPS54331 device is a 28-V, 3-A, step-down (buck) converter with an integrated high-side n-channel
MOSFET. To improve performance during line and load transients, the device implements a constant-frequency,
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The TPS54331 device has a preset switching frequency of 570 kHz.
The TPS54331 device requires a minimum input voltage of 3.5 V for normal operation. The EN pin has an
internal pullup current source that can adjust the input-voltage undervoltage lockout (UVLO) with two external
resistors. In addition, the pullup current provides a default condition when the EN pin is floating for the device to
operate. The operating current is 110
μA (typical) when not switching and under no load. When the device is
disabled, the supply current is 1
μA (typical).
The integrated 80-m
Ω high-side MOSFET allows for high-efficiency power-supply designs with continuous output
currents up to 3 A.
The TPS54331 device reduces the external component count by integrating the boot recharge diode. The bias
voltage for the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pin. The
boot capacitor voltage is monitored by an UVLO circuit and turns the high-side MOSFET off when the voltage
falls below a preset threshold of 2.1 V (typical). The output voltage can be stepped down to as low as the
reference voltage.
By adding an external capacitor, the slow-start time of the TPS54331 device can be adjustable which enables
flexible output filter selection.
To improve the efficiency at light load conditions, the TPS54331 device enters a special pulse skipping Eco-
mode when the peak inductor current drops below 160 mA (typical).
The frequency foldback reduces the switching frequency during startup and overcurrent conditions to help control
the inductor current. The thermal shutdown provides additional protection under fault conditions.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54331


Numéro de pièce similaire - TPS54331DDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Description similaire - TPS54331DDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
[Old version datasheet]   TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com