Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54326 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS54326
Description  4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54326 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS54326_16 Datasheet HTML 6Page - Texas Instruments TPS54326_16 Datasheet HTML 7Page - Texas Instruments TPS54326_16 Datasheet HTML 8Page - Texas Instruments TPS54326_16 Datasheet HTML 9Page - Texas Instruments TPS54326_16 Datasheet HTML 10Page - Texas Instruments TPS54326_16 Datasheet HTML 11Page - Texas Instruments TPS54326_16 Datasheet HTML 12Page - Texas Instruments TPS54326_16 Datasheet HTML 13Page - Texas Instruments TPS54326_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
V =2.5V
O
V =1.8V
O
V =3.3V
O
100
80
60
40
20
0
0
1.5
3
I -OutputCurrent- A
O
20
1
0.5
2
2.5
V =1.8V
O
V =2.5
O
V =3.3V
O
100
80
60
40
20
0
0.001
0.01
0.1
I -OutputCurrent- A
O
100 s/div
m
V
(50mV/div)
OUT
I
(1 A/div)
OUT
EN(10V/div)
V
(0.5V/div)
OUT
PG(5V/div)
400 s/div
m
TPS54326
SLVSA13E – OCTOBER 2009 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted)
spacer
Figure 5. 1.05-V, 0-A TO 3-A LOAD TRANSIERESPONSE
Figure 6. START-UP WAVE FORM
Figure 7. EFFICIENCY vs. OUTPUT CURRENT
Figure 8. LIGHT LOAD EFFICIENCY vs. OUTPUT
CURRENT
(VIN = 12 V)
10
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54326


Numéro de pièce similaire - TPS54326_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
More results

Description similaire - TPS54326_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com