Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54310PWPR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54310PWPR
Description  3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54310PWPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS54310PWPR Datasheet HTML 2Page - Texas Instruments TPS54310PWPR Datasheet HTML 3Page - Texas Instruments TPS54310PWPR Datasheet HTML 4Page - Texas Instruments TPS54310PWPR Datasheet HTML 5Page - Texas Instruments TPS54310PWPR Datasheet HTML 6Page - Texas Instruments TPS54310PWPR Datasheet HTML 7Page - Texas Instruments TPS54310PWPR Datasheet HTML 8Page - Texas Instruments TPS54310PWPR Datasheet HTML 9Page - Texas Instruments TPS54310PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS54310
SLVS412E – DECEMBER 2001 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle
90%
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 k
Ω COMP to AGND(1)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 k
Ω, 160 pF COMP to AGND(1)
3
5
MHz
Error amplifier common-mode input voltage
Powered by internal LDO(1)
0
VBIAS
V
range
IIB
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
VO
Output voltage slew rate (symmetric), COMP
1
1.4
V/µs
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin (excluding
10 mV overdrive(1)
70
85
ns
dead time)
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, SS/ENA(1)
0.03
V
Falling edge deglitch, SS/ENA(1)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
Charge current, SS/ENA
SS/ENA = 0 V
3
5
8
µA
Discharge current, SS/ENA
SS/ENA = 0.2 V, VI = 2.7 V
1.5
2.3
4
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(4)
3
%Vref
Power good falling edge deglitch(4)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.30
V
Leakage current, PWRGD
VI = 5.5 V
1
µA
CURRENT LIMIT
VI = 3 V, output shorted
(4)
4
6.5
Current limit trip point
A
VI = 6 V, output shorted
(4)
4.5
7.5
Current limit leading edge blanking time(4)
100
ns
Current limit total response time(4)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(4)
135
150
165
°C
Thermal shutdown hysteresis(4)
10
°C
OUTPUT POWER MOSFETS
IO = 3 A, VI = 6 V
(4)
59
88
rDS(o
Power MOSFET switches
m
n)
IO = 3 A, VI = 3 V
(5)
85
136
(4)
Matched MOSFETs, low side rDS(on) production tested, high side rDS(on) specified by design.
(5)
Matched MOSFETs, low side rDS(on) production tested, high side rDS(on) specified by design.
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: TPS54310


Numéro de pièce similaire - TPS54310PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Description similaire - TPS54310PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com