Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54260QDRCRQ1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54260QDRCRQ1
Description  TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260QDRCRQ1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS54260QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS54260QDRCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=0.4V
(SS/TR)
V =12V
I
0
200
400
600
800
0
600
100
200
300
400
Voltage Sense (mV)
500
V
IN = 12 V
T
J = 25°C
2
2.25
2.50
2.75
3
-50
-25
0
25
50
75
100
125
150
Junction Temperature (°C)
C022
1.5
1.75
2
2.25
2.5
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C021
0
20
40
60
80
100
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C019
85
90
95
100
105
110
115
–50
–25
0
25
50
75
100
125
150
VSENSE Falling
VSENSE Rising
Junction Temperature (°C)
VSENSE Rising
VSENSE Falling
C020
TPS54260-Q1
SLVSAH8F – DECEMBER 2010 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
Figure 19. PWRGD On Resistance vs Junction Temperature
Figure 20. PWRGD Threshold vs Junction Temperature
Figure 21. Boot-PH UVLO vs Junction Temperature
Figure 22. Input Voltage (UVLO) vs Junction Temperature
Figure 23. SS/TR to VSENSE Offset vs VSENSE
Figure 24. SS/TR to VSENSE Offset vs Temperature
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS54260-Q1


Numéro de pièce similaire - TPS54260QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
More results

Description similaire - TPS54260QDRCRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com