Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54240DRCT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54240DRCT
Description  3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54240DRCT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS54240DRCT Datasheet HTML 2Page - Texas Instruments TPS54240DRCT Datasheet HTML 3Page - Texas Instruments TPS54240DRCT Datasheet HTML 4Page - Texas Instruments TPS54240DRCT Datasheet HTML 5Page - Texas Instruments TPS54240DRCT Datasheet HTML 6Page - Texas Instruments TPS54240DRCT Datasheet HTML 7Page - Texas Instruments TPS54240DRCT Datasheet HTML 8Page - Texas Instruments TPS54240DRCT Datasheet HTML 9Page - Texas Instruments TPS54240DRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
TPS54240
SLVSAA6B – APRIL 2010 – REVISED NOVEMBER 2014
www.ti.com
6.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN = 3.5 to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
42
V
Internal undervoltage lockout threshold
No voltage hysteresis, rising and falling
2.5
V
Shutdown supply current
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 42 V
1.3
4
μA
Operating : nonswitching supply current
VSENSE = 0.83 V, VIN = 12 V, 25°C
138
200
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling, 25°C
1.15
1.25
1.36
V
Enable threshold +50 mV
–3.8
Input current
μA
Enable threshold –50 mV
–0.9
Hysteresis current
–2.9
μA
VOLTAGE REFERENCE
TJ = 25°C
0.792
0.8
0.808
Voltage reference
V
0.784
0.8
0.816
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER (EA)
Input current
50
nA
Error amplifier transconductance (gM)
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
310
μS
–2
μA < ICOMP < 2 μA, VCOMP = 1 V,
Error amplifier transconductance (gM)
70
μS
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±27
μA
COMP to switch current
10.5
A/V
transconductance
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS54240


Numéro de pièce similaire - TPS54240DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54240DGQ TI-TPS54240DGQ Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240DGQR TI-TPS54240DGQR Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Description similaire - TPS54240DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54240 TI-TPS54240_15 Datasheet
2Mb / 56P
[Old version datasheet]   TPS54240 3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode?
TPS54240-Q1 TI-TPS54240-Q1_15 Datasheet
2Mb / 52P
[Old version datasheet]   3.5-V to 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54240-Q1 TI1-TPS54240-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   3.5-V to 42-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-mode CONTROL SCHEME
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com