Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HCT08F Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HCT08F
Description  High-Speed CMOS Logic Quad 2-Input AND Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HCT08F Fiches technique(HTML) 2 Page - Texas Instruments

  CD54HCT08F Datasheet HTML 1Page - Texas Instruments CD54HCT08F Datasheet HTML 2Page - Texas Instruments CD54HCT08F Datasheet HTML 3Page - Texas Instruments CD54HCT08F Datasheet HTML 4Page - Texas Instruments CD54HCT08F Datasheet HTML 5Page - Texas Instruments CD54HCT08F Datasheet HTML 6Page - Texas Instruments CD54HCT08F Datasheet HTML 7Page - Texas Instruments CD54HCT08F Datasheet HTML 8Page - Texas Instruments CD54HCT08F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pinout
CD54HC08, CD54HCT08,
(CERDIP)
CD74HC08
(PDIP, SOIC, TSSOP)
CD74HCT08
(PDIP, SOIC)
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nY
LL
L
LH
L
HL
L
HH
H
H = High Voltage Level, L = Low Voltage Level
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
4Y
3Y
3B
4A
4B
10
8
7
9
3A
1Y
CD54HC08, CD74HC08, CD54HCT08, CD74HCT08


Numéro de pièce similaire - CD54HCT08F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HCT08F TI-CD54HCT08F Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HCT08F3A TI-CD54HCT08F3A Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HCT08F3A TI-CD54HCT08F3A Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HCT08F3A TI1-CD54HCT08F3A Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HCT08F3A TI1-CD54HCT08F3A Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results

Description similaire - CD54HCT08F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI-CD54HC08 Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT32 TI-CD54HCT32 Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com